Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA6509 Datasheet(PDF) 28 Page - NXP Semiconductors

Part # TDA6509
Description  3-band mixer/oscillator and PLL for terrestrial tuners
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA6509 Datasheet(HTML) 28 Page - NXP Semiconductors

Back Button TDA6509 Datasheet HTML 24Page - NXP Semiconductors TDA6509 Datasheet HTML 25Page - NXP Semiconductors TDA6509 Datasheet HTML 26Page - NXP Semiconductors TDA6509 Datasheet HTML 27Page - NXP Semiconductors TDA6509 Datasheet HTML 28Page - NXP Semiconductors TDA6509 Datasheet HTML 29Page - NXP Semiconductors TDA6509 Datasheet HTML 30Page - NXP Semiconductors TDA6509 Datasheet HTML 31Page - NXP Semiconductors TDA6509 Datasheet HTML 32Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 42 page
background image
2005 Mar 25
28
Philips Semiconductors
Product specification
3-band mixer/oscillator and PLL for
terrestrial tuners
TDA6508; TDA6508A;
TDA6509; TDA6509A
handbook, full pagewidth
MDB258
HIGH_RFIN2
Vi
50
Ω
27
Ω
50
Ω
50
Ω
V
HIGH_RFIN1
IFAMP_OUT1
e
Vi(meas)
RMS
voltmeter
spectrum
analyzer
Vo
D.U.T.
Vo(meas)
signal
source
50
Ω
A
B
C
D
HYBRID
Fig.22 Gain measurement in the HIGH-band of the TDA6508A; TDA6509A.
Hybrid loss = 1 dB.
Vi =Vi(meas) − loss = 70 dBµV.
Vo =Vo(meas) + 3.75 dB.
Gv = 20 log
PAL fIF = 36.15 MHz.
V
o
V
i
------
mdb255
D.U.T.
IFAMP_OUT1
IFAMP_OUT2
NOISE
METER
NOISE
SOURCE
2 x 5
turns
2
turns
N1/N2 = 5
HYBRID
AC
BD
50
Ω
HIGH_RFIN1
HIGH_RFIN2
Fig.23 Noise figure measurement in the HIGH-band of the TDA6508; TDA6509.
Hybrid loss = 1 dB.
NF = NFmeas − hybrid loss.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com