Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA6509 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # TDA6509
Description  3-band mixer/oscillator and PLL for terrestrial tuners
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA6509 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button TDA6509 Datasheet HTML 7Page - NXP Semiconductors TDA6509 Datasheet HTML 8Page - NXP Semiconductors TDA6509 Datasheet HTML 9Page - NXP Semiconductors TDA6509 Datasheet HTML 10Page - NXP Semiconductors TDA6509 Datasheet HTML 11Page - NXP Semiconductors TDA6509 Datasheet HTML 12Page - NXP Semiconductors TDA6509 Datasheet HTML 13Page - NXP Semiconductors TDA6509 Datasheet HTML 14Page - NXP Semiconductors TDA6509 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 42 page
background image
2005 Mar 25
11
Philips Semiconductors
Product specification
3-band mixer/oscillator and PLL for
terrestrial tuners
TDA6508; TDA6508A;
TDA6509; TDA6509A
Table 6
Read data format
Note
1. MSB is transmitted first.
Table 7
Description of the bits used in Table 6
Table 8
Digital outputs for analog to digital converter (note 1)
Note
1. Accuracy is
±0.03 × VCC.
8.4
Power-on reset
The threshold level for the power-on reset supply voltage VPOR is set to 3.2 V at room temperature. Below this threshold,
the device is reset to the power-on state.
The following actions take place In the power-on state:
• The charge-pump current is set to 100 µA
• Test bits T2, T1 and T0 are set to logic 001; the charge-pump can either sink or source current
• The Weak signal booster is disabled
• All ports are off and the HIGH band is selected by default.
NAME
BYTE
BIT
MSB(1)
LSB
Address byte
ADB
1
1
0
0
0
MA1
MA0
R/W=1
Status byte
SB
POR
FL
1
1
1
A2
A1
A0
BIT
DESCRIPTION
MA1 and MA0
programmable address bits; see Table 3
R/W
read/write mode selection; 1 = read mode
POR
Power-on reset flag:
0: after end of the first read sequence
1: at Power-on
FL
in-lock flag:
0: loop is not locked
1: loop is locked
A2, A1 and A0
digital outputs of the 5-level ADC; see Table 8
A2
A1
A0
VOLTAGE APPLIED TO PIN ADC
0000 VCC to 0.15 VCC
0
0
1
0.15 VCC to 0.3 VCC
0
1
0
0.3 VCC to 0.45 VCC
0
1
1
0.45 VCC to 0.6 VCC
1
0
0
0.6 VCC to 1 VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com