Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5420CSZ Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # EL5420CSZ
Description  12MHz Rail-to-Rail Input-Output Op Amps
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL5420CSZ Datasheet(HTML) 3 Page - Renesas Technology Corp

  EL5420CSZ Datasheet HTML 1Page - Renesas Technology Corp EL5420CSZ Datasheet HTML 2Page - Renesas Technology Corp EL5420CSZ Datasheet HTML 3Page - Renesas Technology Corp EL5420CSZ Datasheet HTML 4Page - Renesas Technology Corp EL5420CSZ Datasheet HTML 5Page - Renesas Technology Corp EL5420CSZ Datasheet HTML 6Page - Renesas Technology Corp EL5420CSZ Datasheet HTML 7Page - Renesas Technology Corp EL5420CSZ Datasheet HTML 8Page - Renesas Technology Corp EL5420CSZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
EL5120, EL5220, EL5420
FN7186 Rev 8.00
Page 3 of 21
October 15, 2015
Pinouts
EL5420
(16 LD QFN)
TOP VIEW
1
2
3
5
4
1
2
3
4
8
7
6
5
1
2
3
4
12
11
10
9
VINA-
VINA+
VS+
VINB+
VIND-
VIND+
VS-
VINC+
VS+
VIN-
VIN+
VS-
VOUT
VS+
VOUTB
VINB-
VINB+
VS-
VINA+
VINA-
VOUTA
-
+
-
+
-
+
THERMAL
PAD
EL5220
(8 LD MSOP)
TOP VIEW
EL5120
(5 LD TSOT)
TOP VIEW
1
2
3
4
14
13
12
11
5
6
7
10
9
8
-+
-
+
VOUTD
VIND-
VIND+
VS-
VINC+
VINC-
VOUTC
VOUTB
VINB-
VINB+
VS+
VINA+
VINA-
VOUTA
-+
-
+
EL5420
(14 LD TSSOP, SOIC)
TOP VIEW
2
3
4
1
7
6
5
8
VOUTA
VINA-
VINA+
VS-
VS+
VOUTB
VINB-
VINB+
EL5220
(8 LD DFN)
TOP VIEW
THERMAL
PAD
THERMAL PAD
CONNECTS TO VS-
THERMAL PAD
CONNECTS TO VS-
NO
LO
NG
ER
AV
AI
LA
BL
E
OR
SU
PP
OR
TE
D
NO
LO
NG
ER
AV
AI
LA
BL
E
OR
SU
PP
OR
TE
D
NO
LO
NG
ER
AV
AI
LA
BL
E
OR
SU
PP
OR
TE
D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com