Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5420CSZ Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # EL5420CSZ
Description  12MHz Rail-to-Rail Input-Output Op Amps
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL5420CSZ Datasheet(HTML) 4 Page - Renesas Technology Corp

  EL5420CSZ Datasheet HTML 1Page - Renesas Technology Corp EL5420CSZ Datasheet HTML 2Page - Renesas Technology Corp EL5420CSZ Datasheet HTML 3Page - Renesas Technology Corp EL5420CSZ Datasheet HTML 4Page - Renesas Technology Corp EL5420CSZ Datasheet HTML 5Page - Renesas Technology Corp EL5420CSZ Datasheet HTML 6Page - Renesas Technology Corp EL5420CSZ Datasheet HTML 7Page - Renesas Technology Corp EL5420CSZ Datasheet HTML 8Page - Renesas Technology Corp EL5420CSZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
EL5120, EL5220, EL5420
FN7186 Rev 8.00
Page 4 of 21
October 15, 2015
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typ values are for information purposes only. Unless otherwise noted, all tests are
at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
Absolute Maximum Ratings (TA = +25°C)
Thermal Information
Supply Voltage between VS+ and VS-. . . . . . . . . . . . . . . . . . . .+18V
Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . VS- - 0.5V, VS +0.5V
Maximum Continuous Output Current . . . . . . . . . . . . . . . . . . . 30mA
Thermal Resistance (Typical)
JA (°C/W)
5 Ld TSOT (Note 5) . . . . . . . . . . . . . . . . . . . . . . . . .
214
8 Ld DFN (Note 6) . . . . . . . . . . . . . . . . . . . . . . . . . .
55
8 Ld MSOP (Note 5). . . . . . . . . . . . . . . . . . . . . . . . .
115
16 Ld QFN (Note 6) . . . . . . . . . . . . . . . . . . . . . . . . .
44
14 Ld SOIC (Note 5) . . . . . . . . . . . . . . . . . . . . . . . .
82
14 Ld TSSOP (Note 5) . . . . . . . . . . . . . . . . . . . . . . .
93
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . .-65°C to +150°C
Operating Junction Temperature Range . . . . . . . . . . -40°C to +125°
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . See Curves
Pb-Free Reflow Profile. . . . . . . . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and
result in failures not covered by warranty.
NOTES:
5.
JA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
6.
JA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See
Tech Brief
TB379.
Electrical Specifications
VS+ = +5V, VS- = -5V, RL = 10k and CL = 10pF to 0V, TA = +25°C, unless otherwise specified.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
INPUT CHARACTERISTICS
VOS
Input Offset Voltage
VCM = 0V
2
12
mV
TCVOS
Average Offset Voltage Drift
(Note 7)
5
µV/°C
IB
Input Bias Current
VCM = 0V
2
50
nA
RIN
Input Impedance
1G
CIN
Input Capacitance
1.35
pF
CMIR
Common-Mode Input Range
-5.5
+5.5
V
CMRR
Common-Mode Rejection Ratio
for VIN from -5.5V to +5.5V
50
70
dB
AVOL
Open Loop Gain
-4.5V
VOUT 4.5V
75
95
dB
OUTPUT CHARACTERISTICS
VOL
Output Swing Low
IL = -5mA
-4.92
-4.85
V
VOH
Output Swing High
IL = 5mA
4.85
4.92
V
ISC
Short Circuit Current
±120
mA
IOUT
Output Current
±30
mA
POWER SUPPLY PERFORMANCE
PSRR
Power Supply Rejection Ratio
VS is moved from ±2.25V to ±7.75V
60
80
dB
IS
Supply Current (Per Amplifier)
No load
500
750
µA
DYNAMIC PERFORMANCE
SR
Slew Rate (Note 8)
-4.0V
VOUT 4.0V, 20% to 80%
10
V/µs
tS
Settling to +0.1% (AV = +1)
(AV = +1), VO = 2V step
500
ns
BW
-3dB Bandwidth
RL = 10k, CL = 10pF
12
MHz
GBWP
Gain-Bandwidth Product
RL = 10k, CL = 10pF
8
MHz
PM
Phase Margin
RL = 10k, CL = 10pF
50
°
CS
Channel Separation
f = 5MHz (EL5220 and EL5420 only)
75
dB
NOTES:
7. Measured over operating temperature range.
8. Slew rate is measured on rising and falling edges.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com