Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5420CSZ Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # EL5420CSZ
Description  12MHz Rail-to-Rail Input-Output Op Amps
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL5420CSZ Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button EL5420CSZ Datasheet HTML 5Page - Renesas Technology Corp EL5420CSZ Datasheet HTML 6Page - Renesas Technology Corp EL5420CSZ Datasheet HTML 7Page - Renesas Technology Corp EL5420CSZ Datasheet HTML 8Page - Renesas Technology Corp EL5420CSZ Datasheet HTML 9Page - Renesas Technology Corp EL5420CSZ Datasheet HTML 10Page - Renesas Technology Corp EL5420CSZ Datasheet HTML 11Page - Renesas Technology Corp EL5420CSZ Datasheet HTML 12Page - Renesas Technology Corp EL5420CSZ Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
EL5120, EL5220, EL5420
FN7186 Rev 8.00
Page 9 of 21
October 15, 2015
FIGURE 13. FREQUENCY RESPONSE FOR VARIOUS CL
FIGURE 14. CLOSED LOOP OUTPUT IMPEDANCE vs
FREQUENCY
FIGURE 15. MAXIMUM OUTPUT SWING vs FREQUENCY
FIGURE 16. CMRR vs FREQUENCY
FIGURE 17. PSRR vs FREQUENCY
FIGURE 18. INPUT VOLTAGE NOISE SPECTRAL DENSITY vs
FREQUENCY
Typical Performance Curves (Continued)
1M
100M
FREQUENCY (Hz)
10M
100k
0
10
-30
20
-20
-10
RL = 10k
AV = 1
VS = ±5V
12pF
50pF
100pF
1000pF
FREQUENCY (Hz)
10k
100k
0
40
80
120
200
1M
160
10M
AV = 1
VS = ±5V
TA = +25°C
FREQUENCY (Hz)
10k
100k
0
2
4
12
1M
6
10M
8
10
VS = ±5V
TA = +25°C
AV = 1
RL = 10k
CL = 12pF
Distortion <1%
100
0
FREQUENCY (Hz)
80
60
40
20
1M
10M
10k
100k
1k
VS = ±5V
TA = +25°C
100
0
FREQUENCY (Hz)
80
60
40
20
1M
10M
10k
100k
VS = ±5V
TA = +25°C
1k
PSRR+
PSRR-
100
100k
100M
10
100
FREQUENCY (Hz)
1
10M
1k
10k
1M
600



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com