Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5420CSZ Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # EL5420CSZ
Description  12MHz Rail-to-Rail Input-Output Op Amps
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL5420CSZ Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button EL5420CSZ Datasheet HTML 3Page - Renesas Technology Corp EL5420CSZ Datasheet HTML 4Page - Renesas Technology Corp EL5420CSZ Datasheet HTML 5Page - Renesas Technology Corp EL5420CSZ Datasheet HTML 6Page - Renesas Technology Corp EL5420CSZ Datasheet HTML 7Page - Renesas Technology Corp EL5420CSZ Datasheet HTML 8Page - Renesas Technology Corp EL5420CSZ Datasheet HTML 9Page - Renesas Technology Corp EL5420CSZ Datasheet HTML 10Page - Renesas Technology Corp EL5420CSZ Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
EL5120, EL5220, EL5420
FN7186 Rev 8.00
Page 7 of 21
October 15, 2015
Typical Performance Curves
FIGURE 1. EL5420 INPUT OFFSET VOLTAGE DISTRIBUTION
FIGURE 2. EL5420 INPUT OFFSET VOLTAGE DRIFT
FIGURE 3. INPUT OFFSET VOLTAGE vs TEMPERATURE
FIGURE 4. INPUT BIAS CURRENT vs TEMPERATURE
FIGURE 5. OUTPUT HIGH VOLTAGE vs TEMPERATURE
FIGURE 6. OUTPUT LOW VOLTAGE vs TEMPERATURE
400
1200
INPUT OFFSET VOLTAGE (mV)
0
1800
1600
800
200
1400
1000
600
VS = ±5V
TA = +25°C
TYPICAL
PRODUCTION
DISTRIBUTION
INPUT OFFSET VOLTAGE DRIFT, TCVOS (µV/°C)
10
50
0
70
30
60
40
20
VS = ±5V
TYPICAL
PRODUCTION
DISTRIBUTION
0150
0
5
TEMPERATURE (°C)
-5
50
-50
100
10
VS = ±5V
0.0
TEMPERATURE (°C)
-2.0
2.0
0
150
50
-50
100
VS = ±5V
4.94
4.95
4.93
4.97
0
150
TEMPERATURE (°C)
50
-50
100
4.96
VS = ±5V
IOUT = 5mA
-4.95
-4.93
-4.97
-4.91
0
150
TEMPERATURE (°C)
50
-50
100
-4.92
-4.94
-4.96
VS = ±5V
IOUT = -5mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com