Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5420CSZ Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # EL5420CSZ
Description  12MHz Rail-to-Rail Input-Output Op Amps
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL5420CSZ Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button EL5420CSZ Datasheet HTML 9Page - Renesas Technology Corp EL5420CSZ Datasheet HTML 10Page - Renesas Technology Corp EL5420CSZ Datasheet HTML 11Page - Renesas Technology Corp EL5420CSZ Datasheet HTML 12Page - Renesas Technology Corp EL5420CSZ Datasheet HTML 13Page - Renesas Technology Corp EL5420CSZ Datasheet HTML 14Page - Renesas Technology Corp EL5420CSZ Datasheet HTML 15Page - Renesas Technology Corp EL5420CSZ Datasheet HTML 16Page - Renesas Technology Corp EL5420CSZ Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
EL5120, EL5220, EL5420
FN7186 Rev 8.00
Page 13 of 21
October 15, 2015
supply voltage, plus the power in the IC due to the loads as
shown in Equation 2:
when sourcing, and:
when sinking.
where:
• i = 1 to 2 for dual and 1 to 4 for quad
•VS = Total supply voltage
•ISMAX = Maximum supply current per amplifier
•VOUTi = Maximum output voltage of the application
•ILOADi = Load current
If we set the two PDMAX equations equal to each other, we can
solve for RLOADi to avoid device overheat. Figure 27 provide a
convenient way to see if the device will overheat. The maximum
safe power dissipation can be found graphically, based on the
package type and the ambient temperature. By using the
previous equation, it is a simple matter to see if PDMAX exceeds
the device's power derating curves. To ensure proper operation,
it is important to observe the recommended derating curves in
Figure 27.
Unused Amplifiers
It is recommended that any unused amplifiers in a dual and a
quad package be configured as a unity gain follower. The
inverting input should be directly connected to the output and
the non-inverting input tied to the ground plane.
Driving Capacitive Loads
The EL5120, EL5220, and EL5420 can drive a wide range of
capacitive loads. As load capacitance increases, however, the
-3dB bandwidth of the device will decrease and the peaking
will increase. The amplifiers drive 10pF loads in parallel with
10k
 with just 1.5dB of peaking, and 100pF with 6.4dB of
peaking. If less peaking is desired in these applications, a
small series resistor (usually between 5
 and 50) can be
placed in series with the output. However, this will obviously
reduce the gain slightly. Another method of reducing peaking is
to add a “snubber” circuit at the output. A snubber is a shunt
load consisting of a resistor in series with a capacitor. Values of
150
 and 10nF are typical. The advantage of a snubber is that
it does not draw any DC load current or reduce the gain
Power Supply Bypassing and Printed Circuit Board
Layout
The EL5120, EL5220, and EL5420 can provide gain at high
frequency. As with any high-frequency device, good printed
circuit board layout is necessary for optimum performance.
Ground plane construction is highly recommended, lead
lengths should be as short as possible and the power supply
pins must be well bypassed to reduce the risk of oscillation. For
normal single supply operation, where the VS- pin is
connected to ground, a 0.1µF ceramic capacitor should be
placed from VS+ to pin to VS- pin. A 4.7µF tantalum capacitor
should then be connected in parallel, placed in the region of
the amplifier. One 4.7µF capacitor may be used for multiple
devices. This same capacitor combination should be placed at
each supply pin to ground if split supplies are to be used.
PDMAX
iV
S
ISMAX VS+
VOUTi ILOADi
–
+

=
(EQ. 2)
PDMAX
iV
S
ISMAX VOUTi
VS- ILOADi
–
+

=
(EQ. 3)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
25
50
75
100
125
150
FIGURE 27. PACKAGE POWER DISSIPATION vs AMBIENT
TEMPERATURE
JEDEC JESD51-7 HIGH EFFECTIVE THERMAL
CONDUCTIVITY TEST BOARD
AMBIENT TEMPERATURE (°C)
JA = 44°C/W
QFN16
2.27W
JA = 55°C/W
DFN8
1.80W
1.22W
JA = 82°C/W
SOIC14
467mW
870mW
JA = 115°C/W
MSOP8
JA = 93°C/W
TSSOP14
JA = 214°C/W
TSOT5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com