Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5420CSZ Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # EL5420CSZ
Description  12MHz Rail-to-Rail Input-Output Op Amps
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL5420CSZ Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button EL5420CSZ Datasheet HTML 6Page - Renesas Technology Corp EL5420CSZ Datasheet HTML 7Page - Renesas Technology Corp EL5420CSZ Datasheet HTML 8Page - Renesas Technology Corp EL5420CSZ Datasheet HTML 9Page - Renesas Technology Corp EL5420CSZ Datasheet HTML 10Page - Renesas Technology Corp EL5420CSZ Datasheet HTML 11Page - Renesas Technology Corp EL5420CSZ Datasheet HTML 12Page - Renesas Technology Corp EL5420CSZ Datasheet HTML 13Page - Renesas Technology Corp EL5420CSZ Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
EL5120, EL5220, EL5420
FN7186 Rev 8.00
Page 10 of 21
October 15, 2015
FIGURE 19. TOTAL HARMONIC DISTORTION + NOISE vs
FREQUENCY
FIGURE 20. CHANNEL SEPARATION vs FREQUENCY
RESPONSE
FIGURE 21. SMALL SIGNAL OVERSHOOT vs LOAD
CAPACITANCE
FIGURE 22. SETTLING TIME vs STEP SIZE
FIGURE 23. LARGE SIGNAL TRANSIENT RESPONSE
FIGURE 24. SMALL SIGNAL TRANSIENT RESPONSE
Typical Performance Curves (Continued)
1k
10k
100k
0.005
0.008
FREQUENCY (Hz)
0.010
0.001
0.003
VS = ±5V
RL = 10k
AV = 1
VIN = 1VRMS
0.006
0.009
0.007
0.004
0.002
1k
-60
FREQUENCY (Hz)
-140
-120
-100
-80
1M
6M
10k
100k
VS = ±5V
RL = 10k
AV = 1
VIN = 220mVRMS
DUAL MEASURED CHANNEL A TO B
QUAD MEASURED CHANNEL A TO D
OR B TO C
OTHER COMBINATIONS YIELD
IMPROVED REJECTION
10
100
1k
LOAD CAPACITANCE (pF)
VS = ±5V
AV = 1
RL = 10k
VIN = ±50mV
TA = +25°C
50
90
70
30
10
800
-2
2
SETTLING TIME (ns)
600
0
4
200
400
3
1
-3
0
-1
-4
VS = ±5V
AV = 1
RL = 10k
CL = 12pF
TA = +25°C
0.1%
0.1%
VS = ±5V
TA = +25°C
AV = 1
RL = 10k
CL = 12pF
1V
1µs
VS = ±5V
TA = +25°C
AV = 1
RL = 10k
CL = 12pF
50mV
200ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com