Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL43140IBZ Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # ISL43140IBZ
Description  Low-Voltage, Single and Dual Supply, High Performance, Quad SPST, Analog Switches
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL43140IBZ Datasheet(HTML) 3 Page - Renesas Technology Corp

  ISL43140IBZ Datasheet HTML 1Page - Renesas Technology Corp ISL43140IBZ Datasheet HTML 2Page - Renesas Technology Corp ISL43140IBZ Datasheet HTML 3Page - Renesas Technology Corp ISL43140IBZ Datasheet HTML 4Page - Renesas Technology Corp ISL43140IBZ Datasheet HTML 5Page - Renesas Technology Corp ISL43140IBZ Datasheet HTML 6Page - Renesas Technology Corp ISL43140IBZ Datasheet HTML 7Page - Renesas Technology Corp ISL43140IBZ Datasheet HTML 8Page - Renesas Technology Corp ISL43140IBZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
ISL43140, ISL43141, ISL43142
FN6032 Rev 2.00
Page 3 of 17
Aug 24, 2015
Truth Table
LOGIC
ISL43140
ISL43141
ISL43142
SW 1, 2, 3, 4
SW 1, 2, 3, 4
SW 1, 4
SW 2, 3
0ON
OFF
OFF
ON
1
OFF
ON
ON
OFF
NOTE: Logic “0”
 0.8V. Logic “1” 2.4V.
Pin Descriptions
PIN
FUNCTION
V+
Positive Power Supply Input
V-
Negative Power Supply Input. Connect to GND for Single Supply Configurations.
GND
Ground Connection
IN
Digital Control Input
COM
Analog Switch Common Pin
NO
Analog Switch Normally Open Pin
NC
Analog Switch Normally Closed Pin
N.C.
No Internal Connection
Ordering Information
PART NUMBER
(BRAND)
(NOTES 2, 3)
TEMP.
RANGE (°C)
PACKAGE
RoHS Compliant
PKG.
DWG. #
ISL43140IBZ
-40 to 85
16 Ld SOIC (N)
M16.15
ISL43140IRZ
(140I)
-40 to 85
16 Ld QFN
L16.3x3
ISL43140IVZ
-40 to 85
16 Ld TSSOP
M16.173
ISL43141IBZ
-40 to 85
16 Ld SOIC (N)
M16.15
ISL43141IRZ
(141I)
-40 to 85
16 Ld QFN
L16.3x3
ISL43141IVZ
-40 to 85
16 Ld TSSOP
M16.173
ISL43142IBZ (No longer available, recommended replacement: ISL43120IHZ-T)
-40 to 85
16 Ld SOIC (N)
M16.15
ISL43142IVZ (No longer available, recommended replacement: ISL43120IHZ-T)
-40 to 85
16 Ld TSSOP
M16.173
NOTES:
2. Most surface mount devices are available on tape and reel; add “-T” to suffix.
3. Intersil Pb-free products employ special Pb-free material sets; molding compounds/die attach materials and 100% matte tin plate termination
finish, which is compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are MSL classified at Pb-free peak reflow
temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J Std-020B.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com