Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL43140IBZ Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # ISL43140IBZ
Description  Low-Voltage, Single and Dual Supply, High Performance, Quad SPST, Analog Switches
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL43140IBZ Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button ISL43140IBZ Datasheet HTML 6Page - Renesas Technology Corp ISL43140IBZ Datasheet HTML 7Page - Renesas Technology Corp ISL43140IBZ Datasheet HTML 8Page - Renesas Technology Corp ISL43140IBZ Datasheet HTML 9Page - Renesas Technology Corp ISL43140IBZ Datasheet HTML 10Page - Renesas Technology Corp ISL43140IBZ Datasheet HTML 11Page - Renesas Technology Corp ISL43140IBZ Datasheet HTML 12Page - Renesas Technology Corp ISL43140IBZ Datasheet HTML 13Page - Renesas Technology Corp ISL43140IBZ Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
ISL43140, ISL43141, ISL43142
FN6032 Rev 2.00
Page 10 of 17
Aug 24, 2015
Detailed Description
The ISL43140–ISL43142 quad analog switches offer precise
switching capability from a bipolar 2V to 6V or a single 2V to
12V supply with low on-resistance (50
) and high speed
switching (tON = 40ns, tOFF = 15ns). The devices are
especially well suited to portable battery powered equipment
thanks to the low operating supply voltage (2V), low power
consumption (1
W), low leakage currents (1nA max), and the
tiny QFN packaging. High frequency applications also benefit
from the wide bandwidth, and the very high off isolation and
crosstalk rejection.
Supply Sequencing And Overvoltage Protection
With any CMOS device, proper power supply sequencing is
required to protect the device from excessive input currents
which might permanently damage the IC. All I/O pins contain
ESD protection diodes from the pin to V+ and to V- (see Figure
8). To prevent forward biasing these diodes, V+ and V- must
be applied before any input signals, and input signal voltages
must remain between V+ and V-. If these conditions cannot be
guaranteed, then one of the following two protection methods
should be employed.
Logic inputs can easily be protected by adding a 1k
 resistor
in series with the input (see Figure 8). The resistor limits the
input current below the threshold that produces permanent
damage, and the sub-microamp input current produces an
insignificant voltage drop during normal operation.
Adding a series resistor to the switch input defeats the purpose
of using a low RON switch, so two small signal diodes can be
added in series with the supply pins to provide overvoltage
protection for all pins (see Figure 8). These additional diodes
limit the analog signal from 1V below V+ to 1V above V-. The
low leakage current performance is unaffected by this
approach, but the switch resistance may increase, especially
at low supply voltages.
Power-Supply Considerations
The ISL4314X construction is typical of most CMOS analog
switches, in that they have three supply pins: V+, V-, and GND.
V+ and V- drive the internal CMOS switches and set their
analog voltage limits, so there are no connections between the
analog signal path and GND. Unlike switches with a 13V
maximum supply voltage, the ISL4314X 15V maximum supply
voltage provides plenty of room for the 10% tolerance of 12V
supplies (6V or 12V single supply), as well as room for
overshoot and noise spikes.
This family of switches performs equally well when operated
with bipolar or single voltage supplies. The addition of the GND
pin allows for asymmetrical bipolar supplies (e.g. +5V and -
3V). The minimum recommended supply voltage is 2V or 2V.
It is important to note that the input signal range, switching
times, and on-resistance degrade at lower supply voltages.
Refer to the electrical specification tables and Typical
Performance Curves for details.
V+ and GND power the internal logic (thus setting the digital
switching point) and level shifters. The level shifters convert
the logic levels to switched V+ and V- signals to drive the
analog switch gate terminals, so switch parameters - especially
RON - are strongly influenced by V-.
Logic-Level Thresholds
V+ and GND power the internal logic stages, so V- has no
affect on logic thresholds. This switch family is TTL compatible
(0.8V and 2.4V) over a V+ supply range of 2.5V to 10V (see
Figure 17). At 12V the VIH level is about 2.7V, so for best
results use a logic family the provides a VOH greater than 3V.
The digital input stages draw supply current whenever the
digital input voltage is not at one of the supply rails. Driving the
digital input signals from GND to V+ with a fast transition time
minimizes power dissipation.
High-Frequency Performance
In 5
systems, signal response is reasonably flat even past
100MHz (see Figure 18). Figure 18 also illustrates that the
frequency response is very consistent over a wide V+ range,
and for varying analog signal levels.
An off switch acts like a capacitor and passes higher
frequencies with less attenuation, resulting in signal
feedthrough from a switch’s input to its output. Off Isolation is
the resistance to this feedthrough, while Crosstalk indicates
the amount of feedthrough from one switch to another. Figure
19 details the high Off Isolation and Crosstalk rejection
provided by this family. At 10MHz, off isolation is about 50dB in
5
systems, decreasing approximately 20dB per decade as
frequency increases. Higher load impedances decrease Off
Isolation and Crosstalk rejection due to the voltage divider
action of the switch OFF impedance and the load impedance.
Leakage Considerations
FIGURE 8. OVERVOLTAGE PROTECTION
V-
VCOM
VNO or NC
OPTIONAL PROTECTION
V+
INX
DIODE
OPTIONAL PROTECTION
DIODE
OPTIONAL
PROTECTION
RESISTOR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com