Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL43140IBZ Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # ISL43140IBZ
Description  Low-Voltage, Single and Dual Supply, High Performance, Quad SPST, Analog Switches
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL43140IBZ Datasheet(HTML) 5 Page - Renesas Technology Corp

  ISL43140IBZ Datasheet HTML 1Page - Renesas Technology Corp ISL43140IBZ Datasheet HTML 2Page - Renesas Technology Corp ISL43140IBZ Datasheet HTML 3Page - Renesas Technology Corp ISL43140IBZ Datasheet HTML 4Page - Renesas Technology Corp ISL43140IBZ Datasheet HTML 5Page - Renesas Technology Corp ISL43140IBZ Datasheet HTML 6Page - Renesas Technology Corp ISL43140IBZ Datasheet HTML 7Page - Renesas Technology Corp ISL43140IBZ Datasheet HTML 8Page - Renesas Technology Corp ISL43140IBZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
ISL43140, ISL43141, ISL43142
FN6032 Rev 2.00
Page 5 of 17
Aug 24, 2015
OFF Isolation
RL = 50, CL = 15pF, f = 100kHz,
VNO or VNC = 1VRMS, See Figures 4, 6, and 19
25
-
>90
-
dB
Crosstalk, Note 10
25
-
<-90
-
dB
All Hostile Crosstalk
RL = 50, CL = 15pF, f = 10MHz,
VNO or VNC = 1VRMS, See Figure 19
25
-
-60
-
dB
Power Supply Rejection Ratio
RL = 50, CL = 15pF, f = 1MHz, See Figure 20
25
-
60
-
dB
POWER SUPPLY CHARACTERISTICS
Power Supply Range
Full
2-
6V
Positive Supply Current, I+
VS = 5.5V, VIN = 0V or V+, Switch On or Off
25
-1
0.05
1
A
Full
-1
-
1
A
Negative Supply Current, I-
25
-1
0.05
1
A
Full
-1
-
1
A
NOTES:
6. VIN = Input voltage to perform proper function.
7. The algebraic convention, whereby the most negative value is a minimum and the most positive a maximum, is used in this data sheet.
8. Leakage parameter is 100% tested at high temp, and guaranteed by correlation at 25°C.
9. Flatness is defined as the delta between the maximum and minimum RON values over the specified voltage range.
10. Between any two switches.
Electrical Specifications: 12V Supply Test Conditions: V+ = +10.8V to +13.2V, V- = GND = 0V, VINH = 5V, VINL = 0.8V (Note 6),
Unless Otherwise Specified
PARAMETER
TEST CONDITIONS
TEMP
(°C)
(NOTE 7)
MIN
TYP
(NOTE7)
MAX
UNITS
ANALOG SWITCH CHARACTERISTICS
Analog Signal Range, VANALOG
Full
0
-
V+
V
ON Resistance, RON
V+ = 10.8V, ICOM = 1.0mA, VNO or VNC = 9V,
See Figure 5
25
-
50
65
Full
-
60
75
RON Matching Between Channels,
RON
V+ = 10.8V, ICOM = 1.0mA, VNO or VNC = 9V
25
-
2
2.5
Full
-
-
5
RON Flatness, RFLAT(ON)
V+ = 10.8V, ICOM = 1.0mA, VNO or VNC = 3V, 6V, 9V,
Note 9
25
-
8
12
Full
-
9
13
NO or NC OFF Leakage Current,
INO(OFF) or INC(OFF)
V+ = 13.2V, VCOM = 1V, 10V, VNO or VNC = 10V, 1V,
Note 8
25
-1
-
1
nA
Full
-5
-
5
nA
COM OFF Leakage Current,
ICOM(OFF)
V+ = 13.2V, VCOM = 10V, 1V, VNO or VNC = 1V, 10V,
Note 8
25
-1
-
1
nA
Full
-5
-
5
nA
COM ON Leakage Current,
ICOM(ON)
V
 = 13.2V, VCOM = 1V, 10V, or VNO or VNC = 1V,
10V, Note 8
25
-2
-
2
nA
Full
-10
-
10
nA
DIGITAL INPUT CHARACTERISTICS
Input Voltage High, VINH
Full
3.5
3.1
-
V
Input Voltage Low, VINL
Full
-
-
0.8
V
Input Current, IINH, IINL
V+ = 13.2V, VIN = 0V or V+
Full
-1
-
1
A
DYNAMIC CHARACTERISTICS
Turn-ON Time, tON
V+ = 10.8V, VNO or VNC = 10V, RL = 300, CL = 35pF,
VIN = 0 to 3.3V, See Figure 1
25
-
30
70
ns
Full
-
34
100
ns
Turn-OFF Time, tOFF
V+ = 10.8V, VNO or VNC = 10V, RL = 300, CL = 35pF,
VIN = 0 to 3.3V, See Figure 1
25
-
18
50
ns
Full
-
20
75
ns
Break-Before-Make Time Delay
(ISL43142), tD
V+ = 13.2V, VNO or VNC = 10V, RL = 300, CL = 35pF,
VIN = 0 to 3.3V, See Figure 3
Full
0
8
-
ns
Electrical Specifications: ±5V Supply Test Conditions VSUPPLY = 4.5V to 5.5V, GND = 0V, VINH = 2.4V, VINL = 0.8V (Note 6),
Unless Otherwise Specified (Continued)
PARAMETER
TEST CONDITIONS
TEMP
(°C)
(NOTE 7)
MIN
TYP
(NOTE 7)
MAX
UNITS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com