Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL43140IBZ Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # ISL43140IBZ
Description  Low-Voltage, Single and Dual Supply, High Performance, Quad SPST, Analog Switches
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL43140IBZ Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button ISL43140IBZ Datasheet HTML 9Page - Renesas Technology Corp ISL43140IBZ Datasheet HTML 10Page - Renesas Technology Corp ISL43140IBZ Datasheet HTML 11Page - Renesas Technology Corp ISL43140IBZ Datasheet HTML 12Page - Renesas Technology Corp ISL43140IBZ Datasheet HTML 13Page - Renesas Technology Corp ISL43140IBZ Datasheet HTML 14Page - Renesas Technology Corp ISL43140IBZ Datasheet HTML 15Page - Renesas Technology Corp ISL43140IBZ Datasheet HTML 16Page - Renesas Technology Corp ISL43140IBZ Datasheet HTML 17Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
ISL43140, ISL43141, ISL43142
FN6032 Rev 2.00
Page 13 of 17
Aug 24, 2015
FIGURE 19. CROSSTALK AND OFF ISOLATION
FIGURE 20.
PSRR vs FREQUENCY
Die Characteristics
SUBSTRATE POTENTIAL (POWERED UP):
V-
TRANSISTOR COUNT:
ISL43140: 188
ISL43141: 188
ISL43142: 188
PROCESS:
Si Gate CMOS
Typical Performance Curves TA = 25°C, Unless Otherwise Specified (Continued)
FREQUENCY (Hz)
1k
100k
1M
100M 500M
10k
10M
-110
-10
-20
-30
-40
-50
-60
-70
-80
-90
-100
110
10
20
30
40
50
60
70
80
90
100
ISOLATION
ALL HOSTILE CROSSTALK
CROSSTALK
RL = 50
VS = 2V to 5V
V+ = 3V to 12V or
FREQUENCY (MHz)
0
10
20
30
40
50
60
70
80
0.3
1
10
100
1000
RL = 50
VIN = 1VP-P
V+ = 3V to 12V or
VS = 2V to 5V
-PSRR, SWITCH ON
+PSRR, SWITCH ON
+PSRR, SWITCH OFF
-PSRR, SWITCH OFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com