Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL43140IBZ Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # ISL43140IBZ
Description  Low-Voltage, Single and Dual Supply, High Performance, Quad SPST, Analog Switches
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL43140IBZ Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button ISL43140IBZ Datasheet HTML 8Page - Renesas Technology Corp ISL43140IBZ Datasheet HTML 9Page - Renesas Technology Corp ISL43140IBZ Datasheet HTML 10Page - Renesas Technology Corp ISL43140IBZ Datasheet HTML 11Page - Renesas Technology Corp ISL43140IBZ Datasheet HTML 12Page - Renesas Technology Corp ISL43140IBZ Datasheet HTML 13Page - Renesas Technology Corp ISL43140IBZ Datasheet HTML 14Page - Renesas Technology Corp ISL43140IBZ Datasheet HTML 15Page - Renesas Technology Corp ISL43140IBZ Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
ISL43140, ISL43141, ISL43142
FN6032 Rev 2.00
Page 12 of 17
Aug 24, 2015
FIGURE 13. TURN - ON TIME vs POSITIVE SUPPLY VOLTAGE
FIGURE 14. TURN - OFF TIME vs POSITIVE SUPPLY VOLTAGE
FIGURE 15. TURN - ON TIME vs POSITIVE SUPPLY VOLTAGE
FIGURE 16. TURN - OFF TIME vs POSITIVE SUPPLY VOLTAGE
FIGURE 17. DIGITAL SWITCHING POINT vs
POSITIVE SUPPLY VOLTAGE
FIGURE 18. FREQUENCY RESPONSE
Typical Performance Curves TA = 25°C, Unless Otherwise Specified (Continued)
V+ (V)
2468
10
12
0
50
100
150
200
250
300
3
579
11
-40°C
85°C
25°C
V- = 0V
VCOM = (V+) - 1V
V+ (V)
2
468
10
12
10
20
30
40
50
357
9
11
-40°C
85°C
25°C
VCOM = (V+) - 1V
V- = 0V
0
50
100
150
200
250
V+ (V)
0
50
100
150
200
250
VCOM = (V+) - 1V
2468
10
12
3
579
11
-40°C
85°C
V- = -3V
V- = -5V
-40°C
85°C
-40°C
25°C
-40°C
25°C
25°C
0
50
100
150
200
250
300
V+ (V)
-40°C
85°C
0
50
100
25
75
125
VCOM = (V+) - 1V
V- = -3V
V- = -5V
-40°C
85°C
-40°C
25°C
85°C
24
68
10
12
3
579
11
25°C
V+ (V)
2
4
6
8
10
12
0.5
1
1.5
2
2.5
3
3.5
357
9
11
-40°C
85°C
-40°C
85°C
VINH
VINL
25°C
25°C
V- = 0V to -5V
FREQUENCY (MHz)
3
0
-3
GAIN
PHASE
0
45
90
135
180
1
10
100
600
RL = 50
V+ = 2.7V (VIN = 2VP-P)
VS = 2V (VIN = 3VP-P) or V+ = 5V (VIN = 4VP-P)
VS = 2V (VIN = 3VP-P)
V+ = 5V (VIN = 4VP-P)
VS = 5V (VIN = 5VP-P)
VS = 5V (VIN = 5VP-P)
V+ = 2.7V (VIN = 2VP-P)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com