Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL43140IBZ Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # ISL43140IBZ
Description  Low-Voltage, Single and Dual Supply, High Performance, Quad SPST, Analog Switches
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL43140IBZ Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button ISL43140IBZ Datasheet HTML 7Page - Renesas Technology Corp ISL43140IBZ Datasheet HTML 8Page - Renesas Technology Corp ISL43140IBZ Datasheet HTML 9Page - Renesas Technology Corp ISL43140IBZ Datasheet HTML 10Page - Renesas Technology Corp ISL43140IBZ Datasheet HTML 11Page - Renesas Technology Corp ISL43140IBZ Datasheet HTML 12Page - Renesas Technology Corp ISL43140IBZ Datasheet HTML 13Page - Renesas Technology Corp ISL43140IBZ Datasheet HTML 14Page - Renesas Technology Corp ISL43140IBZ Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
ISL43140, ISL43141, ISL43142
FN6032 Rev 2.00
Page 11 of 17
Aug 24, 2015
Reverse ESD protection diodes are internally connected
between each analog-signal pin and both V+ and V-. One of
these diodes conducts if any analog signal exceeds V+ or V-.
Virtually all the analog leakage current comes from the ESD
diodes to V+ or V-. Although the ESD diodes on a given signal
pin are identical and therefore fairly well balanced, they are
reverse biased differently. Each is biased by either V+ or V-
and the analog signal. This means their leakages will vary as
the signal varies. The difference in the two diode leakages to
the V+ and V- pins constitutes the analog-signal-path leakage
current. All analog leakage current flows between each pin and
one of the supply terminals, not to the other switch terminal.
This is why both sides of a given switch can show leakage
currents of the same or opposite polarity. There is no
connection between the analog signal paths and GND.
Typical Performance Curves TA = 25°C, Unless Otherwise Specified
FIGURE 9. ON RESISTANCE vs POSITIVE SUPPLY VOLTAGE
FIGURE 10. ON RESISTANCE vs SWITCH VOLTAGE
FIGURE 11. ON RESISTANCE vs SWITCH VOLTAGE
FIGURE 12. CHARGE INJECTION vs SWITCH VOLTAGE
V+ (V)
2468
10
12
0
50
100
150
200
250
300
3579
11
13
-40°C
85°C
25°C
V- = 0V
40
60
80
100
120
50
60
70
80
90
100
40
V- = -3V
V- = -5V
VCOM = (V+) - 1V
ICOM = 1mA
-40°C
85°C
25°C
-40°C
85°C
25°C
VCOM (V)
0246
8
10
12
20
30
40
50
60
70
80
1
3579
11
-40°C
85°C
V+ = 12V
V- = 0V
55
75
95
115
135
50
100
150
200
250
25°C
V+ = 3V
V+ = 5V
25°C
-40°C
85°C
25°C
-40°C
85°C
V- = 0V
V- = 0V
ICOM = 1mA
VCOM (V)
-4
-2
024
30
50
70
90
-5
-3
-1
1
3
5
VS =5V
40
60
80
100
120
VS =3V
60
100
140
180
ICOM = 1mA
VS =2V
25°C
85°C
25°C
-40°C
85°C
25°C
-40°C
85°C
-40°C
VCOM (V)
-5
0
5
10
-10
-5
0
5
-2.5
2.5
7.5
12.5
-7.5
-2.5
2.5
VS =5V
V+ = 5V
V+ = 3V
V+ = 12V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com