Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXD1701 Datasheet(PDF) 8 Page - Zilog, Inc.

Part # IXD1701
Description  28 V Input High Speed Voltage Regulator
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

IXD1701 Datasheet(HTML) 8 Page - Zilog, Inc.

Back Button IXD1701 Datasheet HTML 4Page - Zilog, Inc. IXD1701 Datasheet HTML 5Page - Zilog, Inc. IXD1701 Datasheet HTML 6Page - Zilog, Inc. IXD1701 Datasheet HTML 7Page - Zilog, Inc. IXD1701 Datasheet HTML 8Page - Zilog, Inc. IXD1701 Datasheet HTML 9Page - Zilog, Inc. IXD1701 Datasheet HTML 10Page - Zilog, Inc. IXD1701 Datasheet HTML 11Page - Zilog, Inc. IXD1701 Datasheet HTML 12Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
Product Specification
IXD1701
PS034001-0515
PRELIMINARY
8
PIN CONFIGURATION
SOT-25 (TOP VIEW)
SOT-89 (TOP VIEW)
SOT-89-5 (TOP VIEW)
USP-6C (BOTTOM VIEW)
SOT-223 (TOP VIEW)
TO-252 (TOP VIEW)
PIN ASSIGNMENT
PIN NUMBER
PIN NAME
FUNCTIONS
SOT-25
SOT-89
SOT-89-5
USP-6C
SOT-223
TO-252
1
3
5
6
3
1
VIN
Power Input
5
1
1
1
1
3
VOUT
Output Voltage
2
2
2
5
2
2
VSS
Ground
4
3
3
CE
ON/OFF Control LOW
– Standby mode,
HIGH
– Active
1)
3
1
NC
No Connection
1)
CE pin does not have internal pull-down resistor. IC state is undefined, if this pin is open.
BLOCK DIAGRAMS
IXD1701B
IXD1701D
Diodes inside the circuits are ESD protection diodes and parasitic diodes.
The dissipation pad for the
USP-6C package should be
solder-plated in respect with
mounting pattern and metal
mask
to
improve
heat
dissipation
and. mounting
strength. If the pad needs to
be connected to other pins,
it should be connected to
the VSS (No. 5) pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com