Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXD1701 Datasheet(PDF) 32 Page - Zilog, Inc.

Part # IXD1701
Description  28 V Input High Speed Voltage Regulator
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

IXD1701 Datasheet(HTML) 32 Page - Zilog, Inc.

Back Button IXD1701 Datasheet HTML 25Page - Zilog, Inc. IXD1701 Datasheet HTML 26Page - Zilog, Inc. IXD1701 Datasheet HTML 27Page - Zilog, Inc. IXD1701 Datasheet HTML 28Page - Zilog, Inc. IXD1701 Datasheet HTML 29Page - Zilog, Inc. IXD1701 Datasheet HTML 30Page - Zilog, Inc. IXD1701 Datasheet HTML 31Page - Zilog, Inc. IXD1701 Datasheet HTML 32Page - Zilog, Inc. IXD1701 Datasheet HTML 33Page - Zilog, Inc.  
Zoom Inzoom in Zoom Outzoom out
 32 / 33 page
background image
Product Specification
IXD1701
PS034001-0515
PRELIMINARY
32
MARKING (CONTINUED)
 - represents output voltage
MARK
OUTPUT VOLTAGE, V
0
-
3.1
6.1
9.1
12.1
15.1
1
-
3.2
6.2
9.2
12.2
15.2
2
-
3.3
6.3
9.3
12.3
15.3
3
-
3.4
6.4
9.4
12.4
15.4
4
-
3.5
6.5
9.5
12.5
15.5
5
-
3.6
6.6
9.6
12.6
15.6
6
-
3.7
6.7
9.7
12.7
15.7
7
-
3.8
6.8
9.8
12.8
15.8
8
-
3.9
6.9
9.9
12.9
15.9
9
-
4.0
7.0
10.0
13.0
16.0
A
-
4.1
7.1
10.1
13.1
16.1
B
-
4.2
7.2
10.2
13.2
16.2
C
-
4.3
7.3
10.3
13.3
16.3
D
-
4.4
7.4
10.4
13.4
16.4
E
-
4.5
7.5
10.5
13.5
16.5
F
-
4.6
7.6
10.6
13.6
16.6
H
-
4.7
7.7
10.7
13.7
16.7
K
1.8
4.8
7.8
10.8
13.8
16.8
L
1.9
4.9
7.9
10.9
13.9
16.9
M
2.0
5.0
8.0
11.0
14.0
17.0
N
2.1
5.1
8.1
11.1
14.1
17.1
P
2.2
5.2
8.2
11.2
14.2
17.2
R
2.3
5.3
8.3
11.3
14.3
17.3
S
2.4
5.4
8.4
11.4
14.4
17.4
T
2.5
5.5
8.5
11.5
14.5
17.5
U
2.6
5.6
8.6
11.6
14.6
17.6
V
2.7
5.7
8.7
11.7
14.7
17.7
X
2.8
5.8
8.8
11.8
14.8
17.8
Y
2.9
5.9
8.9
11.9
14.9
17.9
Z
3.0
6.0
9.0
12.0
15.0
18.0
 - represents production lot number
01~09, 0A~0Z, 11~9Z, A1~A9, AA~AZ, B1~ZZ in order, (G, I, J, O, Q, W excluded)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com