Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXD1701 Datasheet(PDF) 26 Page - Zilog, Inc.

Part # IXD1701
Description  28 V Input High Speed Voltage Regulator
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

IXD1701 Datasheet(HTML) 26 Page - Zilog, Inc.

Back Button IXD1701 Datasheet HTML 22Page - Zilog, Inc. IXD1701 Datasheet HTML 23Page - Zilog, Inc. IXD1701 Datasheet HTML 24Page - Zilog, Inc. IXD1701 Datasheet HTML 25Page - Zilog, Inc. IXD1701 Datasheet HTML 26Page - Zilog, Inc. IXD1701 Datasheet HTML 27Page - Zilog, Inc. IXD1701 Datasheet HTML 28Page - Zilog, Inc. IXD1701 Datasheet HTML 29Page - Zilog, Inc. IXD1701 Datasheet HTML 30Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 33 page
background image
Product Specification
IXD1701
PS034001-0515
PRELIMINARY
26
PACKAGE POWER DISSIPATION (CONTINUED)
SOT-89 Power Dissipation
The power dissipation varies with the mount board conditions.
Please use this data as a reference only.
1. Measurement Conditions:
Condition:
Mount on a board
Ambient:
Natural convection
Soldering:
Lead (Pb) free
Board:
Dimensions 40×40 mm (1600 mm
2 in one side)
Copper (Cu) traces occupy 50% of the board area
on top and bottom layers
Package heat sink tied to the copper traces.
Material:
Glass Epoxy (FR-4)
Thickness:
1.6 mm
Through-hole:
5 x 0.8 Diameter
2. Power Dissipation vs. Ambient Temperature
Board Mount (Tjmax = 125
0C)
Ambient
Temperature,
0C
Power Dissipation
Pd, mW
Thermal Resistance,
0C/W
25
1000
100.00
85
400



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com