Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXD1701 Datasheet(PDF) 16 Page - Zilog, Inc.

Part # IXD1701
Description  28 V Input High Speed Voltage Regulator
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

IXD1701 Datasheet(HTML) 16 Page - Zilog, Inc.

Back Button IXD1701 Datasheet HTML 12Page - Zilog, Inc. IXD1701 Datasheet HTML 13Page - Zilog, Inc. IXD1701 Datasheet HTML 14Page - Zilog, Inc. IXD1701 Datasheet HTML 15Page - Zilog, Inc. IXD1701 Datasheet HTML 16Page - Zilog, Inc. IXD1701 Datasheet HTML 17Page - Zilog, Inc. IXD1701 Datasheet HTML 18Page - Zilog, Inc. IXD1701 Datasheet HTML 19Page - Zilog, Inc. IXD1701 Datasheet HTML 20Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 33 page
background image
Product Specification
IXD1701
PS034001-0515
PRELIMINARY
16
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(7) Input Voltage Transient Response
IXD1701x332xx
IOUT = 1 mA, Ta = 25
0C, t
R = tF = 5 µs, VIN = 5.3 V  6.3 V
IXD1701x332xx
IOUT = 30 mA, Ta = 25
0C, t
R = tF = 5 µs, VIN = 5.3 V  6.3 V
IXD1701x502xx
IOUT = 1 mA, Ta = 25
0C, t
R = tF = 5 µs, VIN = 7.0 V  8.0 V
IXD1701x502xx
IOUT = 30 mA, Ta = 25
0C, t
R = tF = 5 µs, VIN = 7.0 V  8.0 V
IXD1701xC02xx
IOUT = 1 mA, Ta = 25
0C, t
R = tF = 5 µs, VIN = 14.0 V  15.0 V
IXD1701xC02xx
IOUT = 30 mA, Ta = 25
0C, t
R = tF = 5 µs, VIN = 14.0 V  15.0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com