Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXD1701 Datasheet(PDF) 31 Page - Zilog, Inc.

Part # IXD1701
Description  28 V Input High Speed Voltage Regulator
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

IXD1701 Datasheet(HTML) 31 Page - Zilog, Inc.

Back Button IXD1701 Datasheet HTML 25Page - Zilog, Inc. IXD1701 Datasheet HTML 26Page - Zilog, Inc. IXD1701 Datasheet HTML 27Page - Zilog, Inc. IXD1701 Datasheet HTML 28Page - Zilog, Inc. IXD1701 Datasheet HTML 29Page - Zilog, Inc. IXD1701 Datasheet HTML 30Page - Zilog, Inc. IXD1701 Datasheet HTML 31Page - Zilog, Inc. IXD1701 Datasheet HTML 32Page - Zilog, Inc. IXD1701 Datasheet HTML 33Page - Zilog, Inc.  
Zoom Inzoom in Zoom Outzoom out
 31 / 33 page
background image
Product Specification
IXD1701
PS034001-0515
PRELIMINARY
31
MARKING
SOT-25 , SOT-89, SOT89-5, USP-4
SOT-25
SOT-89-5
SOT-89
USP-6C
SOT-223
TO-252
 - represents product series
MARK
PRODUCT SERIES
8
IXD1701xxxxxx
 - represents type of regulator and output voltage range
MARK
TYPE
OUTPUT VOLTAGE, V
PRODUCT SERIES
0
B
1.8
– 3.0
IXD1701Bxxxx
1
3.1
– 6.0
2
6.1
– 9.0
3
9.1 - 12.0
A
12.1
– 15.0
B
15.1
– 18.0
4
D
1.8
– 3.0
IXD1701Dxxxx
5
3.1
– 6.0
6
6.1
– 9.0
7
9.1 - 12.0
C
12.1
– 15.0
D
15.1
– 18.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com