Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X5083 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # X5083
Description  CPU Supervisor with 8Kbit SPI EEPROM
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

X5083 Datasheet(HTML) 3 Page - Renesas Technology Corp

  X5083 Datasheet HTML 1Page - Renesas Technology Corp X5083 Datasheet HTML 2Page - Renesas Technology Corp X5083 Datasheet HTML 3Page - Renesas Technology Corp X5083 Datasheet HTML 4Page - Renesas Technology Corp X5083 Datasheet HTML 5Page - Renesas Technology Corp X5083 Datasheet HTML 6Page - Renesas Technology Corp X5083 Datasheet HTML 7Page - Renesas Technology Corp X5083 Datasheet HTML 8Page - Renesas Technology Corp X5083 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
X5083
FN8127 Rev 4.00
Page 3 of 21
November 12, 2015
Pin Description
Ordering Information
PART NUMBER RESET (ACTIVE LOW)
(Note 1)
PART
MARKING
VCC RANGE
(V)
VTRIP RANGE
(V)
TEMPERATURE
RANGE (°C)
PACKAGE
(RoHS Compliant)
PKG.
DWG. #
X5083PIZ-4.5A (No longer available or
supported)
X5083P ZAM
4.5-5.5
4.5-4.75
-40 to 85
8 Ld PDIP*
MDP0031
X5083S8Z-4.5A
X5083 ZAL
0 to 70
8 Ld SOIC
M8.15E
X5083S8IZ-4.5A (Note 2)
X5083 ZAM
-40 to 85
8 Ld SOIC
M8.15E
X5083S8Z
X5083 Z
4.5-5.5
4.25-4.5
0 to 70
8 Ld SOIC
M8.15E
X5083S8IZ (Note 2)
X5083 ZI
-40 to 85
8 Ld SOIC
M8.15E
X5083V8IZ (No longer available,
recommended replacement:
X5083S8IZ)
583 IZ
-40 to 85
8 Ld TSSOP
M8.173
X5083S8Z-2.7A
X5083 ZAN
2.7-5.5
2.85-3.0
0 to 70
8 Ld SOIC
M8.15E
X5083S8IZ-2.7A*
X5083 ZAP
-40 to 85
8 Ld SOIC
M8.15E
X5083S8Z-2.7*
X5083 ZF
2.7-5.5
2.55-2.7
0 to 70
8 Ld SOIC
M8.15E
X5083S8IZ-2.7*
X5083 ZG
-40 to 85
8 Ld SOIC
M8.15E
X5083V8IZ-2.7 (No longer available,
recommended replacement:
X5083S8IZ-2.7)
583 GZ
-40 to 85
8 Ld TSSOP
M8.173
NOTE:
1. Intersil Pb-free plus anneal products employ special Pb-free material sets; molding compounds/die attach materials and 100% matte tin plate
termination finish, which are RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are
MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
2. *Add "-T1" suffix for tape and reel.
*Pb-free PDIPs can be used for through hole wave solder processing only. They are not intended for use in Reflow solder processing applications.
PIN
(SOIC/
PDIP)
PIN
TSSOP
NAME
FUNCTION
13
CS/WDI Chip Select Input. CS HIGH, deselects the device and the SO output pin is at a high impedance state. Unless a
nonvolatile write cycle is underway, the device will be in the standby power mode. CS LOW enables the device,
placing it in the active power mode. Prior to the start of any operation after power-up, a HIGH to LOW transition
on CS is required.
Watchdog Input. A HIGH to LOW transition on the WDI pin restarts the Watchdog timer. The absence of a HIGH
to LOW transition within the watchdog time out period results in RESET going active.
24
SO
Serial Output. SO is a push/pull serial data output pin. A read cycle shifts data out on this pin. The falling edge of the
serial clock (SCK) clocks the data out.
57
SI
Serial Input. SI is a serial data input pin. Input all opcodes, byte addresses, and memory data on this pin. The rising edge
of the serial clock (SCK) latches the input data. Send all opcodes (Table 1), addresses and data MSB first.
68
SCK
Serial Clock. The Serial Clock controls the serial bus timing for data input and output. The rising edge of SCK latches in
the opcode, address, or data bits present on the SI pin. The falling edge of SCK changes the data output on the SO pin.
35
WP
Write Protect. When WP is LOW, nonvolatile write operations to the memory are prohibited. This “Locks” the
memory to protect it against inadvertent changes when WP is HIGH, the device operates normally.
46
VSS
Ground
82
VCC
Supply Voltage
7
1
RESET Reset Output. RESET is an active LOW, open drain output which goes active whenever VCC falls below the
minimum VCC sense level. It will remain active until VCC rises above the minimum VCC sense level for 250ms.
RESET goes active if the watchdog timer is enabled and CS remains either HIGH or LOW longer than the selectable
watchdog time out period. A falling edge of CS will reset the watchdog timer. RESET goes active on power-up at
about 1V and remains active for 250ms after the power supply stabilizes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com