Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X5083 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # X5083
Description  CPU Supervisor with 8Kbit SPI EEPROM
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

X5083 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button X5083 Datasheet HTML 3Page - Renesas Technology Corp X5083 Datasheet HTML 4Page - Renesas Technology Corp X5083 Datasheet HTML 5Page - Renesas Technology Corp X5083 Datasheet HTML 6Page - Renesas Technology Corp X5083 Datasheet HTML 7Page - Renesas Technology Corp X5083 Datasheet HTML 8Page - Renesas Technology Corp X5083 Datasheet HTML 9Page - Renesas Technology Corp X5083 Datasheet HTML 10Page - Renesas Technology Corp X5083 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
X5083
FN8127 Rev 4.00
Page 7 of 21
November 12, 2015
SPI Serial Memory
The memory portion of the device is a CMOS serial EEPROM
array with Intersil’s block lock protection. The array is internally
organized as x 8. The device features a Serial Peripheral
Interface (SPI) and software protocol allowing operation on a
simple four-wire bus.
The device utilizes Intersil’s proprietary Direct Write™ cell,
providing a minimum endurance of 100,000 cycles and a
minimum data retention of 100 years.
The device is designed to interface directly with the
synchronous Serial Peripheral Interface (SPI) of many popular
microcontroller families.
The device monitors the bus and asserts RESET output if the
watchdog timer is enabled and there is no bus activity within the
user selectable time out period or the supply voltage falls below
a preset minimum VTRIP.
The device contains an 8-bit instruction register. It is accessed
via the SI input, with data being clocked in on the rising edge of
SCK. CS must be LOW during the entire operation.
All instructions (Table 1), addresses and data are transferred
MSB first. Data input on the SI line is latched on the first rising
edge of SCK after CS goes LOW. Data is output on the SO line
by the falling edge of SCK. SCK is static, allowing the user to
stop the clock and then start it again to resume operations
where left off.
Write Enable Latch
The device contains a Write Enable Latch. This latch must be
SET before a Write Operation is initiated. The WREN
instruction will set the latch and the WRDI instruction will reset
the latch (Figure 7). This latch is automatically reset upon a
power-up condition and after the completion of a valid Write
Cycle.
Status Register
The RDSR instruction provides access to the status register.
The status register may be read at any time, even during a
write cycle. The status register is formatted as follows.
Block Lock Memory
Intersil’s block lock memory provides a flexible mechanism to
store and lock system ID and parametric information. There are
seven distinct block lock memory areas within the array which
vary in size from one page to as much as half of the entire array.
These areas and associated address ranges are block locked
by writing the appropriate two byte block lock instruction to the
device as described in Table 1 and Figure 9. Once a block lock
instruction has been completed, that block lock setup is held in
the nonvolatile status register until the next block lock instruction
is issued. The sections of the memory array that are block
locked can be read but not written until block lock is removed or
changed.
Status Register/Block Lock/WDT Byte
765
4
3
21
0
0
0
0
WD1
WD0
BL2
BL1
BL0
TABLE 1. INSTRUCTION SET AND BLOCK LOCK PROTECTION BYTE DEFINITION
INSTRUCTION FORMAT
INSTRUCTION NAME AND OPERATION
0000 0110
WREN: set the write enable latch (write enable operation)
0000 0100
WRDI: reset the write enable latch (write disable operation)
0000 0001
Write status instruction—followed by:
Block lock/WDT byte: (See Figure 1)
000WD1 WD2000 --->no block lock: 00h-00h--->none of the array
000WD1 WD2001 --->block lock Q1: 0000h-00FFh--->lower quadrant (Q1)
000WD1 WD2010 --->block lock Q2: 0100h-01FFh--->Q2
000WD1 WD2011 --->block lock Q3: 0200h-02FFh--->Q3
000WD1 WD2100 --->block lock Q4: 0300h-03FFh--->upper quadrant (Q4)
000WD1 WD2101 --->block lock H1: 0000h-01FFh--->lower half of the array (H1)
000WD1 WD2110 --->block lock P0: 0000h-000Fh--->lower page (P0)
000WD1 WD2111 --->block lock Pn: 03F0h-03FFh--->upper page (PN)
0000 0101
READ STATUS: reads status register & provides write in progress status on SO pin
0000 0010
WRITE: write operation followed by address and data
0000 0011
READ: read operation followed by address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com