Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X5083 Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # X5083
Description  CPU Supervisor with 8Kbit SPI EEPROM
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

X5083 Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button X5083 Datasheet HTML 13Page - Renesas Technology Corp X5083 Datasheet HTML 14Page - Renesas Technology Corp X5083 Datasheet HTML 15Page - Renesas Technology Corp X5083 Datasheet HTML 16Page - Renesas Technology Corp X5083 Datasheet HTML 17Page - Renesas Technology Corp X5083 Datasheet HTML 18Page - Renesas Technology Corp X5083 Datasheet HTML 19Page - Renesas Technology Corp X5083 Datasheet HTML 20Page - Renesas Technology Corp X5083 Datasheet HTML 21Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 20 / 21 page
background image
X5083
FN8127 Rev 4.00
Page 20 of 21
November 12, 2015
Plastic Dual-In-Line Packages (PDIP)
NOTES:
1. Plastic or metal protrusions of 0.010” maximum per side are not included.
2. Plastic interlead protrusions of 0.010” maximum per side are not included.
3. Dimensions E and eA are measured with the leads constrained perpendicular to the seating plane.
4. Dimension eB is measured with the lead tips unconstrained.
5. 8 and 16 lead packages have half end-leads as shown.
MDP0031
PLASTIC DUAL-IN-LINE PACKAGE
SYMBOL
PDIP8
PDIP14
PDIP16
PDIP18
PDIP20
TOLERANCE
NOTES
A
0.210
0.210
0.210
0.210
0.210
MAX
A1
0.015
0.015
0.015
0.015
0.015
MIN
A2
0.130
0.130
0.130
0.130
0.130
±0.005
b
0.018
0.018
0.018
0.018
0.018
±0.002
b2
0.060
0.060
0.060
0.060
0.060
+0.010/-0.015
c
0.010
0.010
0.010
0.010
0.010
+0.004/-0.002
D
0.375
0.750
0.750
0.890
1.020
±0.010
1
E
0.310
0.310
0.310
0.310
0.310
+0.015/-0.010
E1
0.250
0.250
0.250
0.250
0.250
±0.005
2
e
0.100
0.100
0.100
0.100
0.100
Basic
eA
0.300
0.300
0.300
0.300
0.300
Basic
eB
0.345
0.345
0.345
0.345
0.345
±0.025
L
0.125
0.125
0.125
0.125
0.125
±0.010
N
8
14
16
18
20
Reference
Rev. B 2/99
D
L
A
e
b
A1
NOTE 5
A2
SEATING
PLANE
L
N
PIN #1
INDEX
E1
12
N/2
b2
E
eB
eA
c



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com