Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X5083 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # X5083
Description  CPU Supervisor with 8Kbit SPI EEPROM
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

X5083 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button X5083 Datasheet HTML 2Page - Renesas Technology Corp X5083 Datasheet HTML 3Page - Renesas Technology Corp X5083 Datasheet HTML 4Page - Renesas Technology Corp X5083 Datasheet HTML 5Page - Renesas Technology Corp X5083 Datasheet HTML 6Page - Renesas Technology Corp X5083 Datasheet HTML 7Page - Renesas Technology Corp X5083 Datasheet HTML 8Page - Renesas Technology Corp X5083 Datasheet HTML 9Page - Renesas Technology Corp X5083 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
X5083
FN8127 Rev 4.00
Page 6 of 21
November 12, 2015
VTRIP Programming
Apply 5V to VCC
Decrement VCC
RESET pin
goes active?
Measured VTRIP -
Desired VTRIP
DONE
Execute
Sequence
Reset VTRIP
Set VCC = VCC Applied =
Desired VTRIP
Execute
Sequence
Set VTRIP
New VCC Applied =
Old VCC Applied + Error
(VCC = VCC - 50mV)
Execute
Sequence
Reset VTRIP
New VCC Applied =
Old VCC Applied - Error
Error
 –Emax
–Emax < Error < Emax
YES
NO
Error
 Emax
Emax = Maximum Desired Error
FIGURE 4. VTRIP PROGRAMMING SEQUENCE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com