Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X5083 Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # X5083
Description  CPU Supervisor with 8Kbit SPI EEPROM
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

X5083 Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button X5083 Datasheet HTML 12Page - Renesas Technology Corp X5083 Datasheet HTML 13Page - Renesas Technology Corp X5083 Datasheet HTML 14Page - Renesas Technology Corp X5083 Datasheet HTML 15Page - Renesas Technology Corp X5083 Datasheet HTML 16Page - Renesas Technology Corp X5083 Datasheet HTML 17Page - Renesas Technology Corp X5083 Datasheet HTML 18Page - Renesas Technology Corp X5083 Datasheet HTML 19Page - Renesas Technology Corp X5083 Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
X5083
FN8127 Rev 4.00
Page 16 of 21
November 12, 2015
CS vs. RESET Timing
RESET Output Timing
SYMBOL
PARAMETER
MIN
TYP
MAX
UNIT
VTRIP
Reset trip point voltage, X5083PT-4.5A (Note 6)
Reset trip point voltage, X5083PT
Reset trip point voltage, X5083PT-2.7A
Reset trip point voltage, X5083PT-2.7
4.5
4.25
2.85
2.55
4.63
4.38
2.93
2.63
4.75
4.5
3.00
2.7
V
tPURST
Power-up reset time out
100
200
280
ms
tRPD (Note 5)
VCC detect to reset/output
500
ns
tF (Note 5)
VCC fall time
0.1
ns
tR (Note 5)
VCC rise time
0.1
ns
VRVALID
Reset valid VCC
1V
NOTES:
5. This parameter is periodically sampled and not 100% tested.
6. PT = Package/Temperature
CS
tCST
RESET
tWDO
tRST
tWDO
tRST
RESET Output Timing
SYMBOL
PARAMETER
MIN
TYP
MAX
UNIT
tWDO
Watchdog time out period,
WD1 = 1, WD0 = 1(default)
WD1 = 1, WD0 = 0
WD1 = 0, WD0 = 1
WD1 = 0, WD0 = 0
100
450
1
OFF
200
600
1.4
300
800
2
ms
ms
sec
tCST
CS pulse width to reset the watchdog
400
ns
tRST
Reset time out
100
200
300
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com