Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X5083 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # X5083
Description  CPU Supervisor with 8Kbit SPI EEPROM
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

X5083 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button X5083 Datasheet HTML 4Page - Renesas Technology Corp X5083 Datasheet HTML 5Page - Renesas Technology Corp X5083 Datasheet HTML 6Page - Renesas Technology Corp X5083 Datasheet HTML 7Page - Renesas Technology Corp X5083 Datasheet HTML 8Page - Renesas Technology Corp X5083 Datasheet HTML 9Page - Renesas Technology Corp X5083 Datasheet HTML 10Page - Renesas Technology Corp X5083 Datasheet HTML 11Page - Renesas Technology Corp X5083 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
X5083
FN8127 Rev 4.00
Page 8 of 21
November 12, 2015
Watchdog Timer
The watchdog timer bits, WD0 and WD1, select the watchdog
time out period. These nonvolatile bits are programmed with
the WRSR instruction. A change to the Watchdog Timer, either
setting a new time out period or turning it off or on, takes effect,
following either the next command (read or write) or cycling the
power to the device.
The recommended procedure for changing the Watch-dog
Timer settings is to do a WREN, followed by a write status
register command. Then execute a soft-ware loop to read the
status register until the MSB of the status byte is zero. A valid
alternative is to do a WREN, followed by a write status register
command. Then wait 10ms and do a read status command.
Read Sequence
When reading from the EEPROM memory array, CS is first
pulled low to select the device. The 8-bit READ instruction is
transmitted to the device, followed by the 16-bit address. After
the READ opcode and address are sent, the data stored in the
memory at the selected address is shifted out on the SO line.
The data stored in memory at the next address can be read
sequentially by continuing to provide clock pulses. The
address is automatically incremented to the next higher
address after each byte of data is shifted out. When the highest
address is reached, the address counter rolls over to address
$0000 allowing the read cycle to be continued indefinitely. The
read operation is terminated by taking CS high. Refer to the
read EEPROM array sequence (Figure 5).
To read the status register, the CS line is first pulled low to
select the device followed by the 8-bit RDSR instruction. After
the RDSR opcode is sent, the contents of the status register are
shifted out on the SO line. Refer to the read status register
sequence (Figure 6).
Write Sequence
Prior to any attempt to write data into the device, the “Write
Enable” Latch (WEL) must first be set by issuing the WREN
instruction (Figure 7). CS is first taken LOW, then the WREN
instruction is clocked into the device. After all eight bits of the
instruction are transmitted, CS must then be taken HIGH. If the
user continues the write operation without taking CS HIGH
after issuing the WREN instruction, the write operation will be
ignored.
To write data to the EEPROM memory array, the user then
issues the WRITE instruction followed by the 16 bit address
and then the data to be written. Any unused address bits are
specified to be “0’s”. The WRITE operation minimally takes 32
clocks. CS must go low and remain low for the duration of the
operation. If the address counter reaches the end of a page
and the clock continues, the counter will roll back to the first
address of the same page and overwrite any data that may
have been previously written.
For a write operation (byte or page write) to be completed, CS
can only be brought HIGH after bit 0 of the last data byte to be
written is clocked in. If it is brought HIGH at any other time, the
write operation will not be completed (Figure 8).
To write to the status register, the WRSR instruction is followed
by the data to be written (Figure 9). Data bits 5, 6 and 7 must
be “0”.
Read Status Operation
If there is not a nonvolatile write in progress, the read status
instruction returns the block lock setting from the status register
which contains the watchdog timer bits WD1, WD0, and the
block lock bits IDL2-IDL0 (Figure 6). The block lock bits define
the block lock condition (Table 1). The watchdog timer bits set
the operation of the watchdog timer (Table 2). The other bits are
reserved and will return ’0’ when read. See Figure 6.
During an internal nonvolatile write operaiton, the Read Status
Instruction returns a HIGH on SO in the first bit following the
RDSR instruction (the MSB). The remaining bits in the output
status byte are undefined. Repeated Read Status Instructions
return the MSB as a ‘1’ until the nonvolatile write cycle is
complete. When the nonvolatile write cycle is completed, the
RDSR instruction returns a ‘0’ in the MSB position with the
remaining bits of the status register undefined. Subsequent
RDSR instructions return the Status Register Contents. See
Figure 10.
RESET Operation
The RESET output is designed to go LOW whenever VCC has
dropped below the minimum trip point and/or the watchdog
timer has reached its programmable time out limit.
The RESET output is an open drain output and requires a pull
up resistor.
Operational Notes
The device powers-up in the following state:
• The device is in the low power standby state.
• A HIGH to LOW transition on CS is required to enter an
active state and receive an instruction.
• SO pin is high impedance.
• The write enable latch is reset.
• Reset signal is active for tPURST.
TABLE 2. WATCHDOG TIMER DEFINITION
STATUS REGISTER BITS
WATCHDOG TIME OUT
(TYPICAL)
WD1
WD0
0
0
1.4s
0
1
600ms
1
0
200ms
1
1
disabled (factory default)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com