Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P89LPC913FDH Datasheet(PDF) 35 Page - NXP Semiconductors

Part # P89LPC913FDH
Description  8-bit microcontrollers with two-clock 80C51 core 1 kB 3 V Flash with 128-byte RAM
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89LPC913FDH Datasheet(HTML) 35 Page - NXP Semiconductors

Back Button P89LPC913FDH Datasheet HTML 31Page - NXP Semiconductors P89LPC913FDH Datasheet HTML 32Page - NXP Semiconductors P89LPC913FDH Datasheet HTML 33Page - NXP Semiconductors P89LPC913FDH Datasheet HTML 34Page - NXP Semiconductors P89LPC913FDH Datasheet HTML 35Page - NXP Semiconductors P89LPC913FDH Datasheet HTML 36Page - NXP Semiconductors P89LPC913FDH Datasheet HTML 37Page - NXP Semiconductors P89LPC913FDH Datasheet HTML 38Page - NXP Semiconductors P89LPC913FDH Datasheet HTML 39Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 63 page
background image
Philips Semiconductors
P89LPC912/913/914
8-bit microcontrollers with two-clock 80C51 core
Product data
Rev. 03 — 17 December 2004
35 of 63
9397 750 14468
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
9.13.1
Idle mode
Idle mode leaves peripherals running in order to allow them to activate the processor
when an interrupt is generated. Any enabled interrupt source or reset may terminate
Idle mode.
9.13.2
Power-down mode
The Power-down mode stops the oscillator in order to minimize power consumption.
The P89LPC912/913/914 exits Power-down mode via any reset, or certain interrupts.
In Power-down mode, the power supply voltage may be reduced to the RAM
keep-alive voltage VRAM. This retains the RAM contents at the point where
Power-down mode was entered. SFR contents are not guaranteed after VDD has
been lowered to VRAM, therefore it is highly recommended to wake up the processor
via reset in this case. VDD must be raised to within the operating range before the
Power-down mode is exited.
Some chip functions continue to operate and draw power during Power-down mode,
increasing the total power used during Power-down. These include: Brownout detect,
Watchdog Timer, Comparators (note that Comparators can be powered-down
separately), and Real-Time Clock (RTC)/System Timer. The internal RC oscillator is
disabled unless both the RC oscillator has been selected as the system clock and the
RTC is enabled.
9.13.3
Total Power-down mode
This is the same as Power-down mode except that the brownout detection circuitry
and the voltage comparators are also disabled to conserve additional power. The
internal RC oscillator is disabled unless both the RC oscillator has been selected as
the system clock and the RTC is enabled. If the internal RC oscillator is used to clock
the RTC during Power-down, there will be high power consumption. Please use an
external low frequency clock to achieve low power with the Real-Time Clock running
during Power-down.
9.14 Reset
The P1.5/RST pin can function as either an active-LOW reset input or as a digital
input, P1.5. The RPE (Reset Pin Enable) bit in UCFG1, when set to ‘1’, enables the
external reset input function on P1.5. When cleared, P1.5 may be used as an input
pin.
Remark: During a power-up sequence, the RPE selection is overridden and this pin
will always function as a reset input. An external circuit connected to this pin
should not hold this pin LOW during a power-on sequence as this will keep the
device in reset. After power-up this input will function either as an external reset
input or as a digital input as defined by the RPE bit. Only a power-up reset will
temporarily override the selection defined by RPE bit. Other sources of reset will not
override the RPE bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com