Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P89LPC913FDH Datasheet(PDF) 45 Page - NXP Semiconductors

Part # P89LPC913FDH
Description  8-bit microcontrollers with two-clock 80C51 core 1 kB 3 V Flash with 128-byte RAM
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89LPC913FDH Datasheet(HTML) 45 Page - NXP Semiconductors

Back Button P89LPC913FDH Datasheet HTML 41Page - NXP Semiconductors P89LPC913FDH Datasheet HTML 42Page - NXP Semiconductors P89LPC913FDH Datasheet HTML 43Page - NXP Semiconductors P89LPC913FDH Datasheet HTML 44Page - NXP Semiconductors P89LPC913FDH Datasheet HTML 45Page - NXP Semiconductors P89LPC913FDH Datasheet HTML 46Page - NXP Semiconductors P89LPC913FDH Datasheet HTML 47Page - NXP Semiconductors P89LPC913FDH Datasheet HTML 48Page - NXP Semiconductors P89LPC913FDH Datasheet HTML 49Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 63 page
background image
Philips Semiconductors
P89LPC912/913/914
8-bit microcontrollers with two-clock 80C51 core
Product data
Rev. 03 — 17 December 2004
45 of 63
9397 750 14468
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
In order to use the Keypad Interrupt as an original KBI function like in 87LPC76x
series, the user needs to set KBPATN = 0FFH and PATN_SEL = 1 (not equal), then
any key connected to Port 0 which is enabled by the KBMASK register will cause the
hardware to set KBIF and generate an interrupt if it has been enabled. The interrupt
may be used to wake up the CPU from Idle or Power-down modes. This feature is
particularly useful in handheld, battery-powered systems that need to carefully
manage power consumption yet also need to be convenient to use.
In order to set the flag and cause an interrupt, the pattern on Port 0 must be held
longer than 6 CCLKs.
9.24 Watchdog timer
The watchdog timer causes a system reset when it underflows as a result of a failure
to feed the timer prior to the timer reaching its terminal count. It consists of a
programmable 12-bit prescaler, and an 8-bit down counter. The down counter is
decremented by a tap taken from the prescaler. The clock source for the prescaler is
either the PCLK or the nominal 400 kHz Watchdog oscillator. The watchdog timer can
only be reset by a power-on reset. When the watchdog feature is disabled, it can be
used as an interval timer and may generate an interrupt. Figure 23 shows the
watchdog timer in Watchdog mode. Feeding the watchdog requires a two-byte
sequence. If PCLK is selected as the watchdog clock and the CPU is powered-down,
the watchdog is disabled. The watchdog timer has a time-out period that ranges from
afew
µs to a few seconds. Please refer to the P89LPC912/913/914 User’s Manual for
more details.
(1) Watchdog reset can also be caused by an invalid feed sequence, or by writing to WDCON not immediately followed by a
feed sequence.
Fig 23. Watchdog timer in Watchdog mode (WDTE = ‘1’).
PRE2
PRE1
PRE0
–
–
WDRUN
WDTOF
WDCLK
WDCON (A7H)
CONTROL REGISTER
PRESCALER
002aaa423
SHADOW
REGISTER
FOR WDCON
8-BIT DOWN
COUNTER
WDL (C1H)
Watchdog
oscillator
PCLK
÷32
MOV WFEED1, #0A5H
MOV WFEED2, #05AH
RESET
see note (1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com