Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P89LPC913FDH Datasheet(PDF) 48 Page - NXP Semiconductors

Part # P89LPC913FDH
Description  8-bit microcontrollers with two-clock 80C51 core 1 kB 3 V Flash with 128-byte RAM
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89LPC913FDH Datasheet(HTML) 48 Page - NXP Semiconductors

Back Button P89LPC913FDH Datasheet HTML 44Page - NXP Semiconductors P89LPC913FDH Datasheet HTML 45Page - NXP Semiconductors P89LPC913FDH Datasheet HTML 46Page - NXP Semiconductors P89LPC913FDH Datasheet HTML 47Page - NXP Semiconductors P89LPC913FDH Datasheet HTML 48Page - NXP Semiconductors P89LPC913FDH Datasheet HTML 49Page - NXP Semiconductors P89LPC913FDH Datasheet HTML 50Page - NXP Semiconductors P89LPC913FDH Datasheet HTML 51Page - NXP Semiconductors P89LPC913FDH Datasheet HTML 52Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 63 page
background image
Philips Semiconductors
P89LPC912/913/914
8-bit microcontrollers with two-clock 80C51 core
Product data
Rev. 03 — 17 December 2004
48 of 63
9397 750 14468
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
10. Limiting values
[1]
The following applies to Limiting values:
a) Stresses above those listed under Table 12 may cause permanent damage to the device. This is a stress rating only and functional
operation of the device at these or any conditions other than those described in Table 13 “DC electrical characteristics”, Table14“AC
characteristics”and Table 15 “AC characteristics (P89LPC912, P89LPC913)” of this specification are not implied.
b) This product includes circuitry specifically designed for the protection of its internal devices from the damaging effects of excessive
static charge. Nonetheless, it is suggested that conventional precautions be taken to avoid applying greater than the rated maximum.
c) Parameters are valid over operating temperature range unless otherwise specified. All voltages are with respect to VSS unless
otherwise noted.
Table 12:
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).[1]
Symbol
Parameter
Conditions
Min
Max
Unit
Tamb(bias)
operating bias ambient temperature
−55
+125
°C
Tstg
storage temperature range
−65
+150
°C
Vxtal
voltage on XTAL1, XTAL2 pin to VSS,
as applicable
-VDD + 0.5
V
Vn
voltage on any other pin (except
XTAL1, XTAL2) to VSS
−0.5
+5.5
V
IOH(I/O)
HIGH-level output current per I/O pin
-
8
mA
IOL(I/O)
LOW-level output current per I/O pin
-
20
mA
II/O(tot)(max)
maximum total I/O current
-
120
mA
Ptot(pack)
total power dissipation per package
based on package heat
transfer, not device power
consumption
-
1.5
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com