Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P89LPC913FDH Datasheet(PDF) 2 Page - NXP Semiconductors

Part # P89LPC913FDH
Description  8-bit microcontrollers with two-clock 80C51 core 1 kB 3 V Flash with 128-byte RAM
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89LPC913FDH Datasheet(HTML) 2 Page - NXP Semiconductors

  P89LPC913FDH Datasheet HTML 1Page - NXP Semiconductors P89LPC913FDH Datasheet HTML 2Page - NXP Semiconductors P89LPC913FDH Datasheet HTML 3Page - NXP Semiconductors P89LPC913FDH Datasheet HTML 4Page - NXP Semiconductors P89LPC913FDH Datasheet HTML 5Page - NXP Semiconductors P89LPC913FDH Datasheet HTML 6Page - NXP Semiconductors P89LPC913FDH Datasheet HTML 7Page - NXP Semiconductors P89LPC913FDH Datasheet HTML 8Page - NXP Semiconductors P89LPC913FDH Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 63 page
background image
Philips Semiconductors
P89LPC912/913/914
8-bit microcontrollers with two-clock 80C51 core
Product data
Rev. 03 — 17 December 2004
2 of 63
9397 750 14468
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
• Serial Flash In-Circuit Programming (ICP) allows simple production coding with
commercial EPROM programmers. Flash security bits prevent reading of sensitive
application programs.
• Watchdog timer with separate on-chip oscillator, requiring no external
components. The watchdog prescaler is selectable from 8 values.
• Low voltage reset (Brownout detect) allows a graceful system shutdown when
power fails. May optionally be configured as an interrupt.
• Idle and two different Power-down reduced power modes. Improved wake-up from
Power-down mode (a low interrupt input starts execution). Typical Power-down
current is 1
µA (total Power-down with voltage comparators disabled).
• Active-LOW reset. On-chip power-on reset allows operation without external reset
components. A reset counter and reset glitch suppression circuitry prevent
spurious and incomplete resets. A software reset function is also available.
• Configurable on-chip oscillator with frequency range options selected by user
programmed Flash configuration bits. Oscillator options support frequencies from
20 kHz to the maximum operating frequency of 18 MHz (P89LPC912,
P89LPC913).
• Oscillator Fail Detect. The watchdog timer has a separate fully on-chip oscillator
allowing it to perform an oscillator fail detect function.
• Programmable port output configuration options: quasi-bidirectional, open drain,
push-pull, input-only.
• Port ‘input pattern match’ detect. Port 0 may generate an interrupt when the value
of the pins match or do not match a programmable pattern.
• LED drive capability (20 mA) on all port pins. A maximum limit is specified for the
entire chip.
• Controlled slew rate port outputs to reduce EMI. Outputs have approximately 10 ns
minimum ramp times.
• Only power and ground connections are required to operate the
P89LPC912/913/914 when internal reset option is selected.
• Four interrupt priority levels.
• Four keypad interrupt inputs.
• Second data pointer.
• Schmitt trigger port inputs.
• Emulation support.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com