Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P89LPC913FDH Datasheet(PDF) 56 Page - NXP Semiconductors

Part # P89LPC913FDH
Description  8-bit microcontrollers with two-clock 80C51 core 1 kB 3 V Flash with 128-byte RAM
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89LPC913FDH Datasheet(HTML) 56 Page - NXP Semiconductors

Back Button P89LPC913FDH Datasheet HTML 52Page - NXP Semiconductors P89LPC913FDH Datasheet HTML 53Page - NXP Semiconductors P89LPC913FDH Datasheet HTML 54Page - NXP Semiconductors P89LPC913FDH Datasheet HTML 55Page - NXP Semiconductors P89LPC913FDH Datasheet HTML 56Page - NXP Semiconductors P89LPC913FDH Datasheet HTML 57Page - NXP Semiconductors P89LPC913FDH Datasheet HTML 58Page - NXP Semiconductors P89LPC913FDH Datasheet HTML 59Page - NXP Semiconductors P89LPC913FDH Datasheet HTML 60Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 63 page
background image
Philips Semiconductors
P89LPC912/913/914
8-bit microcontrollers with two-clock 80C51 core
Product data
Rev. 03 — 17 December 2004
56 of 63
9397 750 14468
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
[1]
Parameters are valid over operating temperature range unless otherwise specified. Parts are tested to 2 MHz, but are guaranteed to
operate down to 0 Hz.
[2]
When using an oscillator frequency above 12 MHz, the reset input function of P1.5 must be enabled. An external circuit is required to
hold the device in reset at power-up until VDD has reached its specified level. When system power is removed VDD will fall below the
minimum specified operating voltage. When using an oscillator frequency above 12 MHz, in some applications, an external brownout
detect circuit may be required to hold the device in reset when VDD falls below the minimum specified operating voltage.
tSPIF
Fall time
see Figure 24,
25, 26, 27
SPI outputs (SPICLK, MOSI,
MISO)
-
100
-
100
ns
SPI inputs (SPICLK, MOSI,
MISO, SS)
-
2000
-
2000
ns
Table 15:
AC characteristics (P89LPC912, P89LPC913)…continued
VDD = 3.0 V to 3.6 V, unless otherwise specified.
Tamb = −40 °Cto+85 °C for industrial, unless otherwise specified.[1]
Symbol
Parameter
Conditions
Variable clock
fosc =18MHz
Unit
Min
Max
Min
Max
Fig 24. SPI master timing (CPHA = 0).
tCLCL
tSPICLKH
tSPICLKL
Master LSB/MSB out
Master MSB/LSB out
tSPIDH
tSPIDSU
tSPICLKL
tSPICLKH
tSPIF
tSPIOH
tSPIDV
tSPIR
tSPIDV
tSPIF
tSPIF
tSPIR
tSPIR
SS
SPICLK
(CPOL = 0)
(output)
002aaa156
SPICLK
(CPOL = 1)
(output)
MISO
(input)
MOSI
(output)
LSB/MSB in
MSB/LSB in



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com