Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P89LPC913FDH Datasheet(PDF) 51 Page - NXP Semiconductors

Part # P89LPC913FDH
Description  8-bit microcontrollers with two-clock 80C51 core 1 kB 3 V Flash with 128-byte RAM
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89LPC913FDH Datasheet(HTML) 51 Page - NXP Semiconductors

Back Button P89LPC913FDH Datasheet HTML 47Page - NXP Semiconductors P89LPC913FDH Datasheet HTML 48Page - NXP Semiconductors P89LPC913FDH Datasheet HTML 49Page - NXP Semiconductors P89LPC913FDH Datasheet HTML 50Page - NXP Semiconductors P89LPC913FDH Datasheet HTML 51Page - NXP Semiconductors P89LPC913FDH Datasheet HTML 52Page - NXP Semiconductors P89LPC913FDH Datasheet HTML 53Page - NXP Semiconductors P89LPC913FDH Datasheet HTML 54Page - NXP Semiconductors P89LPC913FDH Datasheet HTML 55Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 63 page
background image
Philips Semiconductors
P89LPC912/913/914
8-bit microcontrollers with two-clock 80C51 core
Product data
Rev. 03 — 17 December 2004
51 of 63
9397 750 14468
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
12. Dynamic characteristics
Table 14:
AC characteristics
VDD = 2.4 V to 3.6 V, unless otherwise specified.
Tamb = −40 °Cto+85 °C for industrial, unless otherwise specified.[1]
Symbol
Parameter
Conditions
Variable clock
fosc =12MHz
Unit
Min
Max
Min
Max
fRCOSC
internal RC oscillator frequency
(nominal f = 7.3728 MHz) trimmed
to
±1 % at Tamb =25 °C
7.189
7.557
7.189
7.557
MHz
fWDOSC
internal Watchdog oscillator
frequency (nominal f = 400 kHz)
320
520
320
520
kHz
Crystal oscillator (P89LPC912, P89LPC913)
fosc
oscillator frequency
0
12
-
-
MHz
tCLCL
clock cycle
see Figure 29
83
-
--ns
fCLKP
CLKLP active frequency
0
8
-
-
MHz
Glitch filter
glitch rejection, P1.5/RST pin
-
50
-
50
ns
signal acceptance, P1.5/RST pin
125
-
125
-
ns
glitch rejection, any pin except
P1.5/RST
-
15
-
15
ns
signal acceptance, any pin except
P1.5/RST
50
-
50
-
ns
External clock (P89LPC912, P89LPC913)
tCHCX
HIGH time
see Figure 29
33
tCLCL − tCLCX
33
-
ns
tCLCX
LOW time
see Figure 29
33
tCLCL − tCHCX
33
-
ns
tCLCH
rise time
see Figure 29
-8
-
8
ns
tCHCL
fall time
see Figure 29
-8
-
8
ns
Shift register (UART mode 0 - P89LPC913, P89LPC914)
tXLXL
serial port clock cycle time
see Figure 28
16 tCLCL
-
1333
-
ns
tQVXH
output data set-up to clock rising
edge
see Figure 28
13 tCLCL
-
1083
-
ns
tXHQX
output data hold after clock rising
edge
see Figure 28
-tCLCL + 20
-
103
ns
tXHDX
input data hold after clock rising
edge
see Figure 28
-0
-
0
ns
tDVXH
input data valid to clock rising edge see Figure 28
150
-
150
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com