Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OL2385 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # OL2385
Description  Industrial RF transceiver
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

OL2385 Datasheet(HTML) 2 Page - NXP Semiconductors

  OL2385 Datasheet HTML 1Page - NXP Semiconductors OL2385 Datasheet HTML 2Page - NXP Semiconductors OL2385 Datasheet HTML 3Page - NXP Semiconductors OL2385 Datasheet HTML 4Page - NXP Semiconductors OL2385 Datasheet HTML 5Page - NXP Semiconductors OL2385 Datasheet HTML 6Page - NXP Semiconductors OL2385 Datasheet HTML 7Page - NXP Semiconductors OL2385 Datasheet HTML 8Page - NXP Semiconductors OL2385 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 85 page
background image
OL2385
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 1.0 — 15 June 2016
2 of 85
NXP Semiconductors
OL2385
Industrial RF transceiver
2.
Features and benefits
Single IC for worldwide usage in bands between 160 MHz and 960 MHz
Wide dynamic range with AGC to achieve excellent blocking performance
I/Q down conversion with digital IF processing and automatic gain compensation
Integrated I/Q phase and amplitude mismatch compensation
Receiver path with 2 multiplexed antenna inputs enables different antenna matching
Advanced signal monitoring and data management for fast and reliable signal
detection and processing
High dynamic range RSSI measurement
Programmable PA with digitally controlled power ramping and shaping
Operation up to 400 kbit/s 4FSK for high data rate applications
RX and TX data buffer in RAM with independent DMA channels
Integrated temperature sensor for crystal temperature drift compensation
Support of high accuracy external temperature sensor for ARIB systems
Integrated 16-bit extended micro RISC kernel for system on chip solutions with up to
32kByte EROM
10 independent DMA channels for powerful data transfer and configuration
Integrated copy machine for fast data transfer
Coprocessor for bit manipulation and code redundancy cycle calculation (CRC)
Several timers for firmware development including 3 general purpose timers, 3 RX
channel timers, low power mode polling timer and watch dog timer
Clock driver for micro controller crystal sharing
Controlled via SPI, UART, LIN compatible UART
10 bit ADC sensor interface with up to 100kSps sampling rate
Tool chain (compiler, assembler, linker, debugger) with in circuit debug capability
API available to simplify custom firmware development
IREC evaluation and demonstration kit available for basic RF operation
Remote control protocol (RCP) to operate RF without custom firmware via SPI/UART



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com