Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OL2385 Datasheet(PDF) 71 Page - NXP Semiconductors

Part # OL2385
Description  Industrial RF transceiver
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

OL2385 Datasheet(HTML) 71 Page - NXP Semiconductors

Back Button OL2385 Datasheet HTML 67Page - NXP Semiconductors OL2385 Datasheet HTML 68Page - NXP Semiconductors OL2385 Datasheet HTML 69Page - NXP Semiconductors OL2385 Datasheet HTML 70Page - NXP Semiconductors OL2385 Datasheet HTML 71Page - NXP Semiconductors OL2385 Datasheet HTML 72Page - NXP Semiconductors OL2385 Datasheet HTML 73Page - NXP Semiconductors OL2385 Datasheet HTML 74Page - NXP Semiconductors OL2385 Datasheet HTML 75Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 85 page
background image
OL2385
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 1.0 — 15 June 2016
71 of 428
NXP Semiconductors
OL2385
Industrial RF transceiver
7
Output low current
VDD_IO > 2.7 V;
At VOL = 0.2 × VDD_IO
2mA
[2]
8
Pull-up resistor
Voltage at port pin = 0 V
50
70
110
kOhm
[1]
9
Pull-down resistor
Voltage at port pin = VDD_
IO
50
70
110
kOhm
[1]
Table 29.
Static Characteristics I/O Ports
Following characteristics are valid for conditions as follows (unless otherwise specified)
Tamb = -40 °C to 85 °C, VSS = 0 V, VDD_IO = 1.9 V to 3.6 V and 4.5 V to 5.5 V
Nr.
Description
Conditions
Min
Typ
Max
Unit
Note
Table 30.
Dynamic Characteristics I/O Ports
Following characteristics are valid for conditions as follows (unless otherwise specified)
Tamb = -40 °C to 85 °C, VSS = 0 V, VDD_IO = VDD_IO = 2.5 V to 3.6 V and 4.5 V to 5.5 V
Nr.
Description
Conditions
Min
Typ
Max
Unit
Note
1
Output rise time
50 pF load
6
35
ns
[4]
2
Output fall time
50 pF load
6
35
ns
[4]
3
Bandwidth 50
50 pF load
5
MHz
[4]
4
Bandwidth 20
20 pF load
10
MHz
[4]
5
Bandwidth 20
20 pF load,
VDD_IO = 1.9 V to 2.5 V
5MHz
[4]
Table 31.
SPI / UART
Nr.
Description
Conditions
Min
Typ
Max
Unit
Note
1
SPI operation speed
Master Mode
CPU_CLK_SEL = 1 or 2;
System clock to be used.
50
1.0M
baud
[4]
2
SPI operation speed
Slave Mode
CPU_CLK_SEL = 1 or 2;
System clock to be used.
50
1.0M
baud
[4]
3
UART operation speed
CPU_CLK_SEL = 1 or 2;
System clock to be used.
50
1.7M
baud
[4]
Table 32.
Application relevant limits
Nr.
Description
Conditions
Min
Typ
Max
Unit
Note
1
Power-on reset level
1.5
V
[1]
2
Maximum current in pin TXOUT
using 12 dBm PA
Maximum 10 % PA
activation over 10 years
40
mA
[4]
3
Maximum current in pin TXOUT
using 0 dBm PA
Maximum 10 % PA
activation over 10 years
3.5
mA
[4]
4
Maximum current that can be
provided by the internal 5 V
regulator; available at VDD_
3VOUT
50
mA
[1]
5
Maximum external load
capacitance[1] connected at
VDD_3VOUT
168
nF
[4]
6
Frequency of external reference
crystal connected to XTAL_N
and XTAL_P
27.6
MHz
[4]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com