Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OL2385 Datasheet(PDF) 65 Page - NXP Semiconductors

Part # OL2385
Description  Industrial RF transceiver
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

OL2385 Datasheet(HTML) 65 Page - NXP Semiconductors

Back Button OL2385 Datasheet HTML 61Page - NXP Semiconductors OL2385 Datasheet HTML 62Page - NXP Semiconductors OL2385 Datasheet HTML 63Page - NXP Semiconductors OL2385 Datasheet HTML 64Page - NXP Semiconductors OL2385 Datasheet HTML 65Page - NXP Semiconductors OL2385 Datasheet HTML 66Page - NXP Semiconductors OL2385 Datasheet HTML 67Page - NXP Semiconductors OL2385 Datasheet HTML 68Page - NXP Semiconductors OL2385 Datasheet HTML 69Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 85 page
background image
OL2385
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 1.0 — 15 June 2016
65 of 428
NXP Semiconductors
OL2385
Industrial RF transceiver
4
Variation of maximum output
power over temperature, CW
mode, L-front matching
3.0 V
dB
-40 °C to 25 °C
0.3
1.0
dB
[2]
25 °C to 85 °C
0.3
1.0
dB
[2]
5
Variation of maximum output
power over supply voltage, CW
mode, L-front matching
25 °C 2.5V to 3.6V
0.1
0.5
25 °C 1.9 V to 3.6 V
0.8
3.0
dB
[2]
6
PA output power steps,
0.25
0.5
dB
[2]
7
2nd harmonic, at maximum
output power
Conducted measurement at
50 Ohm
-55
-50
dBm
[2]
8
3rd harmonic, at maximum
output power
Conducted measurement at
50 Ohm
-45
-40
dBm
[2]
9
Spurious emission, at maximum
output power
Conducted measurement at
50 Ohm reference, 47 MHz
to 230 MHz and 470 MHz to
862 MHz
-80
-70
dBm
[2]
10
Spurious emission, at maximum
output power
Conducted measurement at
50 Ohm
Other frequencies below
1GHz
-70
-60
dBm
[2]
11
Spurious emission, at maximum
output power
Conducted measurement at
50 Ohm
1GHz to 12.5GHz
-78
-60
dBm
[2]
12
Out of band TX noise at 12.5
kHz offsets, CW mode
169 MHz band
-110
-100
dBc/Hz [2]
13
Out of band TX noise at 25 kHz
offsets, CW mode
169 MHz band
-110
-100
dBc/Hz [2]
14
Out of band TX noise at
100 kHz offset, CW mode
169 MHz band
-113
-105
dBc/Hz [2]
15
Out of band TX noise at 1 MHz
offset, CW mode
169 MHz band
-130
-125
dBc/Hz [2]
16
Adjacent channel power
GFSK, BT = 0.5, h = 1,
channel spacing = 12.5 kHz,
symbol rate = 3 kBaud,
modulation with PN9
sequence
-66
dBc
[2]
17
Adjacent channel power
GFSK, BT = 0.5, h = 1,
channel spacing = 25 kHz,
symbol rate = 6 kBaud,
modulation with PN9
sequence
-65
dBc
[2]
18
Adjacent channel power
GFSK, BT = 0.5, h = 1,
channel spacing = 50 kHz,
symbol rate = 6 kBaud,
modulation with PN9
sequence
-63
dBc
[2]
Table 25.
TX Characteristics
Following characteristics are valid for conditions as follows (unless otherwise specified)
Tamb = -40 °C to 85 °C, VSS = 0 V, VDD = 2.5 V to 3.6 V, fC = 413MHz, crystal = 55.2 MHz
VDD = VDD_IO, VDD_DIG, VDD_XO_VDD_RF, VDD_ADC, VDD_PA
Nr.
Description
Conditions
Min
Typ
Max
Unit
Note



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com