Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OL2385 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # OL2385
Description  Industrial RF transceiver
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

OL2385 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button OL2385 Datasheet HTML 8Page - NXP Semiconductors OL2385 Datasheet HTML 9Page - NXP Semiconductors OL2385 Datasheet HTML 10Page - NXP Semiconductors OL2385 Datasheet HTML 11Page - NXP Semiconductors OL2385 Datasheet HTML 12Page - NXP Semiconductors OL2385 Datasheet HTML 13Page - NXP Semiconductors OL2385 Datasheet HTML 14Page - NXP Semiconductors OL2385 Datasheet HTML 15Page - NXP Semiconductors OL2385 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 85 page
background image
OL2385
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 1.0 — 15 June 2016
12 of 85
NXP Semiconductors
OL2385
Industrial RF transceiver
9.2 Power management
9.2.1 Modes of operation
The device supports operation in a 3 V, 5 V or a mixed 3 V and 5 V environment
supporting the following supply use cases:
1. Device and digital interface supplied with regulated 5 V supply
– Digital signaling between all devices in the system is done at 5 V level.
2. Device and digital interface supplied with regulated 3 V (3.3 V) supply
– Digital signaling between all devices in the system is done at 3 V (3.3 V) level.
3. Device supplied with regulated 3 V (3.3 V) supply and digital interface supplied with
regulated 5 V supply
– Digital signaling between all devices in the system is done at 5 V level.
4. Device and digital interface supplied with a single primary lithium battery cell (3.6 V …
1.9 V)
– Digital signaling between all devices in the system is done at the unregulated
battery voltage level.
5. Supply with a single rechargeable battery cell (4.2 V … 3.0 V) and an accompanied
voltage regulator (3.6 V … 2.5 V)
– Device is supplied with the regulated voltage.
– Digital signaling between all devices in the system is done at the unregulated
battery voltage level.
Connection diagrams for these different use cases are depicted in Figure 4.
9.2.2 External power supply domains
Several power supply pins are present to provide the required supply isolation between
various RF, analogue and digital blocks (external power supply domains). The power
supply pins have to be directly connected to a regulator output or a battery. External
supply switches are not required.
Adequate blocking capacitors have to be connected to the external supply pins.
Table 5.
External power supply domains
Power supply pin
Voltage range
Description
VDD_IO, GND_IO
3 V, 5 V
Main power supply domain of the device; supplies the I/O port pins, the
power-on reset circuit and an internal low-power regulator which
supplies the power state logic, the I/O port control latches, the polling
timer and the watchdog.
VDD_LO, GND_LO
3 V
Power supply for the local oscillator (fractional-N PLL).
VDD_XO, GND_XO
3 V
Power supply for the crystal oscillator.
VDD_RF, GND_RF
3 V
Power supply for the radio frontend including the LNA, the input
attenuators and the mixer for receive mode.
VDD_PA, GND_PA
3 V
Power supply for the power amplifier regulator output and the power
amplifier control for transmit mode.
VDD_ADC, GND_ADC
3 V
Power supply for the sigma-delta ADCs in the radio receiver.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com