Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OL2385 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # OL2385
Description  Industrial RF transceiver
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

OL2385 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button OL2385 Datasheet HTML 17Page - NXP Semiconductors OL2385 Datasheet HTML 18Page - NXP Semiconductors OL2385 Datasheet HTML 19Page - NXP Semiconductors OL2385 Datasheet HTML 20Page - NXP Semiconductors OL2385 Datasheet HTML 21Page - NXP Semiconductors OL2385 Datasheet HTML 22Page - NXP Semiconductors OL2385 Datasheet HTML 23Page - NXP Semiconductors OL2385 Datasheet HTML 24Page - NXP Semiconductors OL2385 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 85 page
background image
OL2385
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 1.0 — 15 June 2016
21 of 85
NXP Semiconductors
OL2385
Industrial RF transceiver
input with a wide-band input matching optimized for 200Ohms. A current reuse scheme is
employed to maintain maximum performance with minimum current consumption. Power
consumption is controllable depending on the demands of the system. The advanced
feedback structure in combination with the attenuator set-up results in very low LO
radiation.
9.5.4 Attenuators
Passive 2dB step attenuators are positioned in front of the LNA and in front of the mixer in
order to control the gain of the receiver. The RF inputs have integrated ESD protection
and integrated AC coupling for easy application. A matching network can be applied
off-chip for best performance and adaptation to different source impedances.
9.5.5 Mixer
The mixer multiplies the single-ended RF signal with a balanced quadrature (I and Q) LO
signal in order to differentiate between the wanted and image channel. A special algorithm
is used to remove the impact of analog mismatch on the image rejection. This usually
leads to intrusion (leakage) of the image channel into the wanted channel.
9.5.6 Baseband amplifier (TIA) and DC offset compensation
The baseband amplifier stage (TIA - transimpedance amplifier) amplifies the balanced
quadrature (I and Q) mixer output signals to the optimal level for the ADC and performs
the anti-aliasing filtering in front of the sigma-delta ADC. Internal DC offset correction
loops guarantee maximum image suppression and high linearity and dynamic range.
9.5.7 SD ADC
The SD ADC is a 1-bit higher order oversampled sigma-delta ADC with very low current
consumption. The sigma delta switched time core makes use of the most modern
feedback techniques to ensure stability and performance over a wide frequency band,
process and temperature variation. It features fast auto-calibration for optimum
performance. The calibration time is typically below 1 µs. The output is a single bit
data-stream which is further processed by the digital baseband.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com