Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OL2385 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # OL2385
Description  Industrial RF transceiver
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

OL2385 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button OL2385 Datasheet HTML 9Page - NXP Semiconductors OL2385 Datasheet HTML 10Page - NXP Semiconductors OL2385 Datasheet HTML 11Page - NXP Semiconductors OL2385 Datasheet HTML 12Page - NXP Semiconductors OL2385 Datasheet HTML 13Page - NXP Semiconductors OL2385 Datasheet HTML 14Page - NXP Semiconductors OL2385 Datasheet HTML 15Page - NXP Semiconductors OL2385 Datasheet HTML 16Page - NXP Semiconductors OL2385 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 85 page
background image
OL2385
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 1.0 — 15 June 2016
13 of 85
NXP Semiconductors
OL2385
Industrial RF transceiver
[1]
Voltage ranges are given here only for information purpose. Please refer to the electrical characteristics for
detailed voltage range specification.
The external power supply domains with the associated power supply pins are briefly
described in the Table 5.
The package HVQFN has an exposed die pad at the back which is intended as heat sink
and additional ground connection.
The device includes an internal power regulator which can be used to generate a voltage
less than 3.6 V when such a voltage is not available. This regulator utilizes the two supply
pins VDD_5VIN and VDD_3VOUT. The regulator is only on if the device is in power
supply state ACTIVE. In all other power supply states the regulator is off. VDD_5VIN can
be supplied permanently and the input voltage must be greater than 3.6 V.
The application has to ensure that the current drawn from the internal power regulator
does not exceed the maximum limit given in the section electrical characteristics. If this
limit is exceeded all supply voltage pins in the 3 V domain must be connected to an
external voltage regulator. It is not allowed to supply parts of the device with the internal
and other ones with an external 3 V supply.
VDD_DIG, GND_DIG
3 V
Power supply for the digital part.
VDD_5VIN
5 V
Supply voltage input for the internal power regulator. This regulator
generates the required supply voltage for the device’s VDD supply pins
in the 3 V domains.
VDD_3VOUT
3 V
Regulated supply voltage output of the internal power regulator.
Table 5.
External power supply domains
Power supply pin
Voltage range
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com