Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCMIMX6DQCEC Datasheet(PDF) 4 Page - NXP Semiconductors

Part # SCMIMX6DQCEC
Description  ARM Cortex-A9 MPCore 4xCPU processor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SCMIMX6DQCEC Datasheet(HTML) 4 Page - NXP Semiconductors

  SCMIMX6DQCEC Datasheet HTML 1Page - NXP Semiconductors SCMIMX6DQCEC Datasheet HTML 2Page - NXP Semiconductors SCMIMX6DQCEC Datasheet HTML 3Page - NXP Semiconductors SCMIMX6DQCEC Datasheet HTML 4Page - NXP Semiconductors SCMIMX6DQCEC Datasheet HTML 5Page - NXP Semiconductors SCMIMX6DQCEC Datasheet HTML 6Page - NXP Semiconductors SCMIMX6DQCEC Datasheet HTML 7Page - NXP Semiconductors SCMIMX6DQCEC Datasheet HTML 8Page - NXP Semiconductors SCMIMX6DQCEC Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
SCM-i.MX 6Dual/6Quad Datasheet for Consumer Products, Data Sheet: Technical Data, Rev. 0, 02/2016
4
Freescale Semiconductor, Inc.
— 16/32-bit NOR Flash. All EIMv2 pins are muxed on other interfaces.
— 16/32-bit PSRAM, Cellular RAM
Each i.MX 6Dual/6Quad processor enables the following interfaces to external devices (some of them
are muxed and not available simultaneously):
•
Hard Disk Drives—SATA II, 3.0 Gbps
•
Displays—Total of five interfaces available. Total raw pixel rate of all interfaces is up to 450
Mpixels/sec, 24 bpp. Up to four interfaces may be active in parallel.
— One Parallel 24-bit display port, up to 225 Mpixels/sec (for example, WUXGA at 60 Hz
or dual HD1080 and WXGA at 60 Hz)
— LVDS serial ports—One port up to 165 Mpixels/sec or two ports up to 85 MP/sec (for
example, WUXGA at 60 Hz) each
— HDMI 1.4 port
— MIPI/DSI, two lanes at 1 Gbps
•
Camera sensors:
— Parallel Camera port (up to 20 bit and up to 240 MHz peak)
— MIPI CSI-2 serial camera port, supporting up to 1000 Mbps/lane in 1/2/3-lane mode and
up to 800 Mbps/lane in 4-lane mode. The CSI-2 Receiver core can manage one clock lane
and up to four data lanes. Each i.MX 6Dual/6Quad processor has four lanes.
•
Expansion cards:
— Four MMC/SD/SDIO card ports all supporting:
– 1-bit or 4-bit transfer mode specifications for SD and SDIO cards up to UHS-I
SDR-104 mode (104 MB/s max)
– 1-bit, 4-bit, or 8-bit transfer mode specifications for MMC cards up to 52 MHz in
both SDR and DDR modes (104 MB/s max)
•
USB:
— One High Speed (HS) USB 2.0 OTG (Up to 480 Mbps), with integrated HS USB PHY
— Three USB 2.0 (480 Mbps) hosts:
– One HS host with integrated High Speed PHY
– Two HS hosts with integrated HS-IC USB (High Speed Inter-Chip USB) PHY
•
Expansion PCI Express port (PCIe) v2.0 one lane:
— PCI Express (Gen 2.0) dual mode complex, supporting Root complex operations and
Endpoint operations. Uses x1 PHY configuration.
•
Miscellaneous IPs and interfaces:
— SSI block capable of supporting audio sample frequencies up to 192 kHz stereo inputs
and outputs with I2S mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com