Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCMIMX6DQCEC Datasheet(PDF) 5 Page - NXP Semiconductors

Part # SCMIMX6DQCEC
Description  ARM Cortex-A9 MPCore 4xCPU processor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SCMIMX6DQCEC Datasheet(HTML) 5 Page - NXP Semiconductors

  SCMIMX6DQCEC Datasheet HTML 1Page - NXP Semiconductors SCMIMX6DQCEC Datasheet HTML 2Page - NXP Semiconductors SCMIMX6DQCEC Datasheet HTML 3Page - NXP Semiconductors SCMIMX6DQCEC Datasheet HTML 4Page - NXP Semiconductors SCMIMX6DQCEC Datasheet HTML 5Page - NXP Semiconductors SCMIMX6DQCEC Datasheet HTML 6Page - NXP Semiconductors SCMIMX6DQCEC Datasheet HTML 7Page - NXP Semiconductors SCMIMX6DQCEC Datasheet HTML 8Page - NXP Semiconductors SCMIMX6DQCEC Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
SCM-i.MX 6Dual/6Quad Datasheet for Consumer Products, Data Sheet: Technical Data, Rev. 0, 02/2016
Freescale Semiconductor, Inc.
5
— ESAI is capable of supporting audio sample frequencies up to 260kHz in I2S mode with
7.1 multi-channel outputs
— Five UARTs, up to 4.0 Mbps each:
– Providing RS232 interface
– Supporting 9-bit RS485 multidrop mode
– One of the five UARTs (UART1) supports 8-wire while others four supports 4-
wire. This is due to the SoC IOMUX limitation, since all UART IPs are identical.
— Five eCSPI (Enhanced CSPI)
— Three I2C, supporting 400 kbps
— Gigabit Ethernet Controller (IEEE1588 compliant), 10/100/10001 Mbps
— Four Pulse Width Modulators (PWM)
— System JTAG Controller (SJC)
— GPIO with interrupt capabilities
— 8x8 Key Pad Port (KPP)
— Sony Philips Digital Interconnect Format (SPDIF), Rx and Tx
— Two Controller Area Network (FlexCAN), 1 Mbps each
— Two Watchdog timers (WDOG)
— Audio MUX (AUDMUX)
The i.MX 6Dual/6Quad processors integrate advanced power management unit and controllers:
•
Provide PMU, including LDO supplies, for on-chip resources
•
Use Temperature Sensor for monitoring the die temperature
•
Support DVFS techniques for low power modes
•
Use Software State Retention and Power Gating for ARM and MPE
•
Support various levels of system power modes
•
Use flexible clock gating control scheme
The i.MX 6Dual/6Quad processors use dedicated hardware accelerators to meet the targeted multimedia
performance. The use of hardware accelerators is a key factor in obtaining high performance at low
power consumption numbers, while having the CPU core relatively free for performing other tasks.
1
The theoretical maximum performance of 1 Gbps ENET is limited to 470 Mbps (total for Tx and Rx)
due to internal bus throughput limitations. The actual measured performance in optimized environment
is up to 400 Mbps. For details, see the ERR004512 erratum in the i.MX 6Dual/6Quad errata document
(IMX6DQCE).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com