Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCMIMX6DQCEC Datasheet(PDF) 6 Page - NXP Semiconductors

Part # SCMIMX6DQCEC
Description  ARM Cortex-A9 MPCore 4xCPU processor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SCMIMX6DQCEC Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button SCMIMX6DQCEC Datasheet HTML 2Page - NXP Semiconductors SCMIMX6DQCEC Datasheet HTML 3Page - NXP Semiconductors SCMIMX6DQCEC Datasheet HTML 4Page - NXP Semiconductors SCMIMX6DQCEC Datasheet HTML 5Page - NXP Semiconductors SCMIMX6DQCEC Datasheet HTML 6Page - NXP Semiconductors SCMIMX6DQCEC Datasheet HTML 7Page - NXP Semiconductors SCMIMX6DQCEC Datasheet HTML 8Page - NXP Semiconductors SCMIMX6DQCEC Datasheet HTML 9Page - NXP Semiconductors SCMIMX6DQCEC Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
SCM-i.MX 6Dual/6Quad Datasheet for Consumer Products, Data Sheet: Technical Data, Rev. 0, 02/2016
6
Freescale Semiconductor, Inc.
The i.MX 6Dual/6Quad processors incorporate the following hardware accelerators:
•
VPU—Video Processing Unit
•
IPUv3H—Image Processing Unit version 3H (2 IPUs)
•
GPU3Dv4—3D Graphics Processing Unit (OpenGL ES 2.0) version 4
•
GPU2Dv2—2D Graphics Processing Unit (BitBlt)
•
GPUVG—OpenVG 1.1 Graphics Processing Unit
•
ASRC—Asynchronous Sample Rate Converter
Security functions are enabled and accelerated by the following hardware:
•
ARM TrustZone including the TZ architecture (separation of interrupts, memory mapping, etc.)
•
SJC—System JTAG Controller. Protecting JTAG from debug port attacks by regulating or
blocking the access to the system debug features.
•
CAAM—Cryptographic Acceleration and Assurance Module, containing 16 KB secure RAM
and True and Pseudo Random Number Generator (NIST certified)
•
SNVS—Secure Non-Volatile Storage, including Secure Real Time Clock
•
CSU—Central Security Unit. Enhancement for the IC Identification Module (IIM). Will be
configured during boot and by eFUSEs and will determine the security level operation mode as
well as the TZ policy.
•
A-HAB—Advanced High Assurance Boot—HABv4 with the new embedded enhancements:
SHA-256, 2048-bit RSA key, version control mechanism, warm boot, CSU, and TZ
initialization.
1.2.2. PF0100Z Features
•
Input voltage range to PMIC: 2.8 - 4.5 V
•
Buck regulators
— Four to six channel configurable
– SW1A/B/C, 4.5 A (single); 0.3 to 1.875 V
– SW1A/B, 2.5 A (single/dual); SW1C 2.0 A (independent); 0.3 to 1.875 V
– SW2, 2.0 A; 0.4 to 3.3 V
– SW3A/B, 2.5 A (single/dual); 0.4 to 3.3 V
– SW3A, 1.25 A (independent); SW3B, 1.25 A (independent); 0.4 to 3.3 V
– SW4, 1.0 A; 0.4 to 3.3 V
– SW4, VTT mode provide DDR termination at 50% of SW3A
— Dynamic voltage scaling
— Modes: PWM, PFM, APS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com