Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCMIMX6DQCEC Datasheet(PDF) 11 Page - NXP Semiconductors

Part # SCMIMX6DQCEC
Description  ARM Cortex-A9 MPCore 4xCPU processor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SCMIMX6DQCEC Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button SCMIMX6DQCEC Datasheet HTML 7Page - NXP Semiconductors SCMIMX6DQCEC Datasheet HTML 8Page - NXP Semiconductors SCMIMX6DQCEC Datasheet HTML 9Page - NXP Semiconductors SCMIMX6DQCEC Datasheet HTML 10Page - NXP Semiconductors SCMIMX6DQCEC Datasheet HTML 11Page - NXP Semiconductors SCMIMX6DQCEC Datasheet HTML 12Page - NXP Semiconductors SCMIMX6DQCEC Datasheet HTML 13Page - NXP Semiconductors SCMIMX6DQCEC Datasheet HTML 14Page - NXP Semiconductors SCMIMX6DQCEC Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
SCM-i.MX 6Dual/6Quad Datasheet for Consumer Products, Data Sheet: Technical Data, Rev. 0, 02/2016
Freescale Semiconductor, Inc.
11
4. Electrical Characteristics
4.1. Chip-Level Conditions
4.1.1. Absolute Max Ratings
Table 4-1 Absolute Max Ratings
Parameter Description
Symbol
Min
Max
Unit
PMIC System Supply Voltage Range
PMIC_VIN
-0.3
4.8
V
Temperature range (storage)
T_storage
-40
150
C
4.1.2. Thermal Resistance
Table 4-2 provides the FO-WLP thermal resistance data.
Table 4-2 FO-WLP Thermal Resistance Data
Parameter Description
Test Condition
Symbol
Value
Unit
Junction to Ambient
1,6
Single-layer board (1s); natural convection
2
RθJA
36.5
°C/W
Four-layer board (2s2p); natural convection
2
RθJA
19.9
°C/W
Junction to Ambient
1,6
Single-layer board (1s); air flow 200ft/min
3
RθJMA
27.7
°C/W
Four-layer board (2s2p); air flow 200ft/min
3
RθJMA
16.1
°C/W
Junction to Board
1,4,6
-
RθJB
6.6
°C/W
Junction to top characterization
parameter
1,5,6
-
ΨJT
2.9
°C/W
1 Junction temperature is a function of die size, on-chip power dissipation, package thermal resistance, mounting site (board)
temperature, ambient temperature, air flow, power dissipation of other components on the board, and board thermal
resistance.
2 Per SEMI G38-87 and JEDEC JESD51-2 with the single layer board horizontal.
3 Per JEDEC JESD51-6 with the board horizontal.
4 Thermal resistance between the die and the printed circuit board per JEDEC JESD51-8. Board temperature is measured on
the top surface of the board near the package.
5 Thermal characterization parameter indicating the temperature difference between package top and the junction temperature
per JEDEC JESD51-2. When Greek letters are not available, the thermal characterization parameter is written as Psi-JT.
6 Values reported are modeled and based upon a summation of power dissipation of multiple die within the package. Junction
temperatures will vary between die according to power ratios and use case.
4.1.3. Operating Ranges
Table 4-3 Operating Ranges
Parameter Description
Symbol
Min
Max
Unit
PMIC System Supply Voltage Range
PMIC_VIN
3.6
4.5
V
SPI NOR Flash Supply Voltage Range
NVCC_EIM0_NOR
2.775
3.6
V
Junction Temperature
(standard commercial)
Tj
0
85
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com