Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FUSB307B Datasheet(PDF) 40 Page - ON Semiconductor

Part # FUSB307B
Description  USB Type-C Port Controller with USB-PD
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB307B Datasheet(HTML) 40 Page - ON Semiconductor

Back Button FUSB307B Datasheet HTML 36Page - ON Semiconductor FUSB307B Datasheet HTML 37Page - ON Semiconductor FUSB307B Datasheet HTML 38Page - ON Semiconductor FUSB307B Datasheet HTML 39Page - ON Semiconductor FUSB307B Datasheet HTML 40Page - ON Semiconductor FUSB307B Datasheet HTML 41Page - ON Semiconductor FUSB307B Datasheet HTML 42Page - ON Semiconductor FUSB307B Datasheet HTML 43Page - ON Semiconductor FUSB307B Datasheet HTML 44Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 57 page
background image
www.onsemi.com
40
Table 42. CCSTAT
Address: 1Dh
Reset Value: 0x00
Type: Read
Bit #
Name
R/W/C
Size (Bits)
CC Status Description (Note 31)
7:6
Reserved
R
2
Reserved: 00b
5
LOOK4CON
R
1
0b: the FUSB307B is not looking for connection or indicated a
potential connection has been found when transitioned from a 1 to 0
1b: the FUSB307B looking for connection
4
CON_RES
R
1
0b: the FUSB307B is presenting Rp
1b: the FUSB307B is presenting Rd
This bit is only valid if the FUSB307B was a DRP and has stopped
DRP toggling
3:2
CC2_STAT
R
2
If (ROLE_CONTROL.CC2 = Rp) or (CON_RES = 0)
00b: SRC.Open (Open, Rp)
01b: SRC.Ra (below maximum vRa)
10b: SRC.Rd (within the vRd range)
11b: reserved
If (ROLE_CONTROL.CC2 = Rd) or (CON_RES = 1)
00b: SNK.Open (Below maximum vRa)
01b: SNK.Default (Above minimum vRd−Connect)
10b: SNK.Power1.5 (Above minimum vRd−Connect)
Detects Rp 1.5 A
11b: SNK.Power3.0 (Above minimum vRd−Connect)
Detects Rp 3.0 A
If ROLE_CONTROL.CC2=Ra, this field is set to 00b
If ROLE_CONTROL.CC2=Open, this field is set to 00b
This field always returns 00b if (LOOK4CON = 1) or
(PWRCTRL.EN_VCONN = 1 and
TCPC_CONTROL.PlugOrientation = 0). Otherwise, the returned
value depends upon ROLE_CONTROL.CC2.
1:0
CC1_STAT
R
2
If (ROLE_CONTROL.CC1 = Rp) or (CON_RES = 0)
00b: SRC.Open (Open, Rp)
01b: SRC.Ra (below maximum vRa)
10b: SRC.Rd (within the vRd range)
11b: reserved
If (ROLE_CONTROL.CC1 = Rd) or CON_RES = 1)
00b: SNK.Open (Below maximum vRa)
01b: SNK.Default (Above minimum vRd−Connect)
10b: SNK.Power1.5 (Above minimum vRd−Connect)
Detects Rp−1.5 A
11b: SNK.Power3.0 (Above minimum vRd−Connect)
Detects Rp−3.0 A
If ROLE_CONTROL.CC1 = Ra, this field is set to 00b
If ROLE_CONTROL.CC1 = Open, this field is set to 00b
This field always returns 00b if (LOOK4CON = 1) or
(PWRCTRL.EN_VCONN = 1 and
TCPC_CONTROL.PlugOrientation = 0). Otherwise, the returned
value depends upon ROLE_CONTROL.CC1.
31. An event change on this register cause an ALERTL.I_CCSTAT Interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com