Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FUSB307B Datasheet(PDF) 37 Page - ON Semiconductor

Part # FUSB307B
Description  USB Type-C Port Controller with USB-PD
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB307B Datasheet(HTML) 37 Page - ON Semiconductor

Back Button FUSB307B Datasheet HTML 33Page - ON Semiconductor FUSB307B Datasheet HTML 34Page - ON Semiconductor FUSB307B Datasheet HTML 35Page - ON Semiconductor FUSB307B Datasheet HTML 36Page - ON Semiconductor FUSB307B Datasheet HTML 37Page - ON Semiconductor FUSB307B Datasheet HTML 38Page - ON Semiconductor FUSB307B Datasheet HTML 39Page - ON Semiconductor FUSB307B Datasheet HTML 40Page - ON Semiconductor FUSB307B Datasheet HTML 41Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 57 page
background image
www.onsemi.com
37
Table 36. FAULTSTATMSK
Address: 15h
Reset Value: 0xB3 (Resets on POR, SW_RST and Hard Reset)
Type: Read/Write
Bit #
Name
R/W/C
Size
(Bits)
Fault Status Mask Description
7
M_ALL_REGS_RESET
RW
1
All Registers Reset to Default
0b: Interrupt masked
1b: Interrupt unmasked
6
Reserved
R
1
Reserved: 0b
5
M_AUTO_DISCH_FAIL
RW
1
Auto Discharge Fail Interrupt Mask
0b: Interrupt masked
1b: Interrupt unmasked
4
M_FORCE_DISCH_FAIL
RW
1
Force Discharge Fail Interrupt Mask
0b: Interrupt Masked
1b: Interrupt Unmasked
3
Reserved
R
1
Reserved: 0b
2
Reserved
R
1
Reserved: 0b
1
M_VCONN_OCP
RW
1
VCONN OCP Interrupt Mask
0b: Interrupt Masked
1b: Interrupt Unmasked
0
M_I2C_ERROR
RW
1
I2C Interface Error Interrupt Mask
0b: Interrupt Masked
1b: Interrupt Unmasked
Table 37. STD_OUT_CFG
Address: 18h
Reset Value: 0x40
Type: Read/Write
Bit #
Name
R/W/C
Size
(Bits)
Standard Outputs Configuration
7
TRI_STATE
R/W
1
0b: Standard Output Control
1b: Force all outputs to tri−state
6
DEBUG_ACC
R/W
1
0b: Debug Connected output is driven Low
1b: No Debug Accessory Connected output is driven High
Note: The FUSB307B ignores writes to this bit if
TCPC_CTRL.DEBUG_ACC_CTRL = 0b
5
Reserved
R
1
Reserved: 0b
4
Reserved
R
1
Reserved: 0b
3:2
MUX_CTRL
R/W
2
Controls MUX_S0 and MUX_S1 Outputs.
00b: MUX_S0 = 0, MUX_S1 = 0. No connection.
01b: MUX_S0 = 1, MUX_S1 = 0. USB3.1 Connected
10b: MUX_S0 = 0, MUX_S1 = 1. DP Alternate Mode – 4 lanes
11b: MUX_S0 = 1, MUX_S1 = 1. USB3.1 + Display Port Lanes 0 & 1
1
Reserved
R
1
Reserved: 0b
0
ORIENT
R/W
1
Controls ORIENT Output
0b: Normal (CC1 = A5, CC2 = B5, TX1 = A2/A3, RX1 = B10/B11)
1b: Flipped (CC2 = A5, CC1 = B5, TX1 = B2/B3, RX1 = A10/A11)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com