Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FUSB307B Datasheet(PDF) 6 Page - ON Semiconductor

Part # FUSB307B
Description  USB Type-C Port Controller with USB-PD
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB307B Datasheet(HTML) 6 Page - ON Semiconductor

Back Button FUSB307B Datasheet HTML 2Page - ON Semiconductor FUSB307B Datasheet HTML 3Page - ON Semiconductor FUSB307B Datasheet HTML 4Page - ON Semiconductor FUSB307B Datasheet HTML 5Page - ON Semiconductor FUSB307B Datasheet HTML 6Page - ON Semiconductor FUSB307B Datasheet HTML 7Page - ON Semiconductor FUSB307B Datasheet HTML 8Page - ON Semiconductor FUSB307B Datasheet HTML 9Page - ON Semiconductor FUSB307B Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 57 page
background image
FUSB307B
www.onsemi.com
6
Dead Battery Power−up
During a dead battery condition in a mobile application,
the FUSB307B will be powered by VBUS and provide an
LDO output to power a
μController or TCPM to establish a
USB−PD contract.
The FUSB307B will enable the Sink Path when attached
to a source with any advertised current.
Systems with more than one Type−C port, the TCPM can
enable or disable the appropriate sink paths.
Once VDD is greater than VDDGOOD, the internal LDO is
bypassed and the device switches from VBUS to VDD
power.
Figure 5 demonstrates a dead battery power up sequence
for FUSB307B.
Figure 5. FUSB307B Dead Battery Operation
VDD
VBUS
FUSB307B
PWR MGMT
3.3V
LDO
LDO
LDO Bypass
SNK
Charger IC
TCPM
EC
VDD
VIN
VBUS
FUSB307B
PWR MGMT
3.3 V
LDO
LDO
LDO Bypass
SNK
VDD
3.3 V Buck
Converter
VSYS
V3P3A
TYPE−C Port 1
TYPE−C Port 2
FPF2895
EN
FPF2895
EN
2− FUSB307B
Provides Power
to EC during
Dead Battery
5− Power to
system is
enabled
1− FUSB307B
Powers from
VBUS
and attaches as
SNK
3− Enable Sink
Path
4− TCPM
establishes PD
Contract with
SRC
Battery
30 m
Ω
VOUT
VIN
VOUT
VIN
30 m
Ω
6− FUSB307B
switches to
VDD Power and
bypasses LDO
Programmable GPIOx
The FUSB307B has two programmable GPIOs. These
can be programmed to be Inputs, CMOS Outputs or Open
Drain Outputs. To configure them, the TCPM writes to
GPIO1_CFG and GPIO2_CFG. If the GPIO is configured as
an input, its logic value can be read in GPIO_STAT and
ALERT_VD registers.
Standard Outputs
The FUSB307B implements Orientation and supports
Debug Accessory detection output as indicated in
STD_OUT_CAP register.
To configure the Orientation, Mux selection, and Debug
Accessory, the TCPM writes to STD_OUT_CFG.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com