Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FUSB307B Datasheet(PDF) 26 Page - ON Semiconductor

Part # FUSB307B
Description  USB Type-C Port Controller with USB-PD
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB307B Datasheet(HTML) 26 Page - ON Semiconductor

Back Button FUSB307B Datasheet HTML 22Page - ON Semiconductor FUSB307B Datasheet HTML 23Page - ON Semiconductor FUSB307B Datasheet HTML 24Page - ON Semiconductor FUSB307B Datasheet HTML 25Page - ON Semiconductor FUSB307B Datasheet HTML 26Page - ON Semiconductor FUSB307B Datasheet HTML 27Page - ON Semiconductor FUSB307B Datasheet HTML 28Page - ON Semiconductor FUSB307B Datasheet HTML 29Page - ON Semiconductor FUSB307B Datasheet HTML 30Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 57 page
background image
FUSB307B
www.onsemi.com
26
Table 16. IO SPECIFICATIONS
Symbol
Parameter
VDD (V)
Conditions
TA = −40 to +855C
TA = −40 to +1055C (Note 17)
TJ= −40 to +1255C
Unit
Min
Typ
Max
HOST INTERFACE PINS(INT_N, DBG_N)
VOLINTN
Output Low Voltage
3.0 to 5.5
IOL = 4 mA
0.4
V
GPIOS, ORIENT AND MUX_SEL PINS
VIL
Low−Level Input Voltage
3.0 to 5.5
0.4
V
VIH
High−Level Input
Voltage
3.0 to 5.5
1.2
V
VOL
Low−Level Output
Voltage
3.0 to 5.5
IOL = 4 mA
0.4
V
VOH
High−Level Output
Voltage
3.0 to 5.5
IOH = −2 mA
0.7VDD
V
IIN
Input Leakage
3.0 to 5.5
Input Voltage 0 V to 5.5 V
(When GPIO is setup as an
input or Tri−Stated output)
−5
5
μA
IOFF
Off Input Leakage
0
Input Voltage 0 V to 5.5 V
−5
5
μA
SRC, SNK AND SRC_HV
VOL
Low−Level Output
Voltage
3.0 to 5.5
IOL = 4 mA
0.4
V
VOH
High−Level Output
Voltage
3.0 to 5.5
IOH = −2 mA
0.7VDD
V
I2C INTERFACE PINS – STANDARD, FAST OR FAST MODE PLUS SPEED MODE SDA, SCL) (Note 15)
VDDEXT
External power supply to
which SDA and SCL are
pulled up
1.8
3.6
V
Symbol
Parameter
VDD (V)
Conditions
TA = −40 to +855C
TA = −40 to +1055C (Note 17)
TJ= −40 to +1255C
Unit
Min.
Typ.
Max.
VILI2C
Low−Level Input Voltage
3.0 to 5.5
0.4
V
VIHI2C
High−Level Input
Voltage
3.0 to 5.5
1.2
V
VHYS
Hysteresis of Schmitt
Trigger Inputs
3.0 to 5.5
0.2
V
Ii2C
Input Current of SDA
and SCL Pins,
3.0 to 5.5
Input Voltage 0.26 V to 2 V
−10
10
μA
ICCTI2C
VDD current when SDA
or SCL is HIGH
3.0 to 5.5
Input Voltage 1.8 V
−10
10
μA
VOLSDA
Low−Level Output
Voltage at 2 mA Sink
Current (Open−Drain)
3.0 to 5.5
0
0.36
V
IOLSDA
Low−Level Output
Current (Open−Drain)
3.0 to 5.5
VOLSDA = 0.4 V
20
mA
CI
Capacitance for Each
I/O Pin (Note 16)
3.0 to 5.5
5
pF
15. I2C pull up voltage is required to be between 1.71 V and VDD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com