Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FUSB307B Datasheet(PDF) 55 Page - ON Semiconductor

Part # FUSB307B
Description  USB Type-C Port Controller with USB-PD
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB307B Datasheet(HTML) 55 Page - ON Semiconductor

Back Button FUSB307B Datasheet HTML 49Page - ON Semiconductor FUSB307B Datasheet HTML 50Page - ON Semiconductor FUSB307B Datasheet HTML 51Page - ON Semiconductor FUSB307B Datasheet HTML 52Page - ON Semiconductor FUSB307B Datasheet HTML 53Page - ON Semiconductor FUSB307B Datasheet HTML 54Page - ON Semiconductor FUSB307B Datasheet HTML 55Page - ON Semiconductor FUSB307B Datasheet HTML 56Page - ON Semiconductor FUSB307B Datasheet HTML 57Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 55 / 57 page
background image
www.onsemi.com
55
Table 82. ALERT_VD
Address: B3h
Reset Value: 0x00
Type: Read/Write 1 to clear
Bit #
Name
R/W/C
Size (Bits)
Vendor Defined Alert
7
Reserved
R
1
Reserved: 0b
6
I_DISCH_SUCC
R/WC
1
0b: No Interrupt
1b: Auto Discharge or Force Discharge Successful
5
I_GPI2
R/WC
1
0b: No Interrupt
1b: Input GPI2 change occurred
4
I_GPI1
R/WC
1
0b: No Interrupt
1b: Input GPI1 change occurred
3
I_VDD_DTCT
R/WC
1
0b: No Interrupt
1b: VDD detection change occurred (read VD_STAT)
2
I_OTP
R/WC
1
0b: No Interrupt
1b: OTP condition occurred
1
I_SWAP_TX
R/WC
1
0b: No Interrupt
1b: Fast role Swap sent due to GPIO input set low
0
I_SWAP_RX
R/WC
1
0b: No Interrupt
1b: Fast Role Swap request received
Table 83. ALERT_VD_MSK
Address: B4h
Reset Value: 0x7F
Type: Read/Write
Bit #
Name
R/W/C
Size (Bits)
Vendor Defined Alert Masks
7
Reserved
R
1
Reserved:0b
6
M_DISCH_SUCC
R/W
1
0b: Interrupt masked
1b: Interrupt unmasked
5
M_GPI2
R/W
1
0b: Interrupt masked
1b: Interrupt unmasked
4
M_GPI1
R/W
1
0b: Interrupt masked
1b: Interrupt unmasked
3
M_VDD_DTCT
R/W
1
0b: Interrupt masked
1b: Interrupt unmasked
2
M_OTP
R/W
1
0b: Interrupt masked
1b: Interrupt unmasked
1
M_SWAP_TX
R/W
1
0b: Interrupt masked
1b: Interrupt unmasked
0
M_SWAP_RX
R/W
1
0b: Interrupt masked
1b: Interrupt unmasked



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com