Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FUSB307B Datasheet(PDF) 43 Page - ON Semiconductor

Part # FUSB307B
Description  USB Type-C Port Controller with USB-PD
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB307B Datasheet(HTML) 43 Page - ON Semiconductor

Back Button FUSB307B Datasheet HTML 39Page - ON Semiconductor FUSB307B Datasheet HTML 40Page - ON Semiconductor FUSB307B Datasheet HTML 41Page - ON Semiconductor FUSB307B Datasheet HTML 42Page - ON Semiconductor FUSB307B Datasheet HTML 43Page - ON Semiconductor FUSB307B Datasheet HTML 44Page - ON Semiconductor FUSB307B Datasheet HTML 45Page - ON Semiconductor FUSB307B Datasheet HTML 46Page - ON Semiconductor FUSB307B Datasheet HTML 47Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 57 page
background image
www.onsemi.com
43
Table 45. COMMAND
Address: 23h
Reset Value: 0x00
Type: Read/Write (Auto−Clear)
Bit #
Name
R/W/C
Size
(Bits)
Register
Settings
COMMAND Description
7:0
Command
R/W
8
0001 0001b
WakeI2C
(no action is taken other than to wake the I2C interface)
0010 0010b
DisableVbusDetect. Disable Vbus present detection:
PWRSTAT.VBUS_VAL. The FUSB307B will ignore this
command and assert the FAULTSTAT.I2C_ERR if it has
sourcing or sinking power over Vbus enabled
0011 0011b
EnableVbusDetect. Enable Vbus present detection
0100 0100b
DisableSinkVbus. Disable sinking power over Vbus.
This COMMAND does not disable PWRSTAT.VBUS_VAL
detection
0101 0101b
SinkVbus. Enable sinking power over Vbus and enable Vbus
present detection. The FUSB307B will ignore this command
and assert the FAULTSTAT.I2C_ERR if it has sourcing power
over Vbus enabled
0110 0110b
DisableSourceVbus. Disable sourcing power over Vbus. This
COMMAND does not disable PWRSTAT.VBUS_VAL
detection
0111 0111b
SourceVbusDefaultVoltage. Enable sourcing vSafe5V over
Vbus and enable Vbus present detection. Source shall
transition to vSafe5V if at a high voltage. The FUSB307B will
ignore this command and assert the FAULTSTAT.I2C_ERR if
it has sinking power over Vbus enabled
1000 1000b
SourceVbusHighVoltage. Execute sourcing high voltage over
Vbus.
FUSB307B will ignore this command and assert the
FAULTSTAT.I2C_ERR
1001 1001b
LOOK4CON. Start DRP Toggling if ROLECTRL.DRP = 1b.
If ROLECTRL.CC1/CC2 = 01b start with Rp,
if ROLECTRL.CC1/CC2 =10b start with Rd.
If ROLE_CONTROL.CC1/CC2 are not either 01b/01b or
10b/10b, then do not start toggling.
The TCPM shall issue .
COMMAND.LOK4CON to enable the device to restart
Connection Detection in cases where the ROLECTRL
contents will not change. An example of this is when a
potential connection as a Source occurred but was further
debounced by the TCPM to find the Sink disconnected. In
this case a Source Only or DRP should go back to its
Unattached.Src state. This would result in ROLECTRL
staying the same
1010 1010b
RxOneMore. Configure the receiver to automatically clear the
RXDETECT register after sending the next GoodCRC.
This is used to shutdown reception of packets at a known
point regardless of packet separation or the depth of the
receive FIFO in the device
1100 1100b
1101 1101b
1110 1110b
Reserved. No Action
1111 1111b
I2CIdle, Enter I2C Idle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com