Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9530 Datasheet(PDF) 33 Page - Analog Devices

Part # AD9530
Description  4 CML Output, Low Jitter Clock Generator
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9530 Datasheet(HTML) 33 Page - Analog Devices

Back Button AD9530 Datasheet HTML 29Page - Analog Devices AD9530 Datasheet HTML 30Page - Analog Devices AD9530 Datasheet HTML 31Page - Analog Devices AD9530 Datasheet HTML 32Page - Analog Devices AD9530 Datasheet HTML 33Page - Analog Devices AD9530 Datasheet HTML 34Page - Analog Devices AD9530 Datasheet HTML 35Page - Analog Devices AD9530 Datasheet HTML 36Page - Analog Devices AD9530 Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 41 page
background image
Data Sheet
AD9530
Rev. 0 | Page 33 of 41
PART VERSION (REGISTER 0x006)
Table 29. Bit Descriptions for PART_VERSION (Default: 0x14)
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
PART VERSION
The Analog Devices unified SPI protocol reserves this read only register
location for identifying the die revision.
0x00
R
USER SCRATCH PAD 1 (REGISTER 0x00A)
Table 30. Bit Descriptions for USER_SCRATCHPAD1 (Default: 0x00)
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
USER_SCRATCHPAD1,
Bits[7:0]
0x00 to
0xFF
This register has no effect on device operation. It is available for serial port
debugging or register setting revision control. There are two additional
user scratch pad registers at Address 0x0FE and Address 0x0FF.
0x00
RW
SPI VERSION (REGISTER 0x00B)
Table 31. Bit Descriptions for SPI_VERSION (Default: 0x00)
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
SPI_VERSION,
Bits[7:0]
The Analog Devices unified SPI protocol reserves this read only register
location for identifying the version of the unified SPI protocol.
0x00
R
VENDOR ID (REGISTER 0x00C AND REGISTER 0x00D)
Table 32. Bit Descriptions for VENDOR ID (Default: 0x56)
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
VENDOR_ID,
Bits[7:0]
The Analog Devices unified SPI protocol reserves this read only register
location for identifying Analog Devices as the chip vendor of this device.
All Analog Devices parts adhering to the unified serial port specification
have the same value in this register.
0x56
R
Table 33. Bit Descriptions for VENDOR_ID (Default: 0x04)
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
VENDOR_ID,
Bits[15:8]
The Analog Devices unified SPI protocol reserves this read only register
location for identifying Analog Devices as the chip vendor of this part. All
Analog Devices parts adhering to the unified serial port specification have
the same value in this register.
0x04
R
IO_UPDATE (REGISTER 0x00F)
Table 34. Bit Descriptions for IO_UPDATE (Default: 0x00)
Bits
Bit Name
Settings
Description
Reset
Access
[7:1]
RESERVED
0x00
When writing to Register 0x00F, these bits must be 0x0.
0x00
W
0
IO_UPDATE
Writing a 1 to this bit transfers the data in the serial input/output
buffer registers to the internal control registers of the device. This is a
live and autoclearing bit.
0b
W
R DIVIDER—REFERENCE INPUT DIVIDER (REGISTER 0x010)
Table 35. Bit Descriptions for R_DIVIDER (Default: 0x01)
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
R_DIVIDER,
Bits[7:0]
0x01 to
0xFF
PLL reference divider. These bits control the divide ratio of the R divider.
Divide ratio goes from ÷1 (by writing 0x01) to ÷255 (by writing 0xFF).
0x01
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com