Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9530 Datasheet(PDF) 41 Page - Analog Devices

Part # AD9530
Description  4 CML Output, Low Jitter Clock Generator
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9530 Datasheet(HTML) 41 Page - Analog Devices

Back Button AD9530 Datasheet HTML 33Page - Analog Devices AD9530 Datasheet HTML 34Page - Analog Devices AD9530 Datasheet HTML 35Page - Analog Devices AD9530 Datasheet HTML 36Page - Analog Devices AD9530 Datasheet HTML 37Page - Analog Devices AD9530 Datasheet HTML 38Page - Analog Devices AD9530 Datasheet HTML 39Page - Analog Devices AD9530 Datasheet HTML 40Page - Analog Devices AD9530 Datasheet HTML 41Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 41 / 41 page
background image
Data Sheet
AD9530
Rev. 0 | Page 41 of 41
OUTLINE DIMENSIONS
1
0.50
BSC
BOTTOM VIEW
TOP VIEW
PIN 1
INDICATOR
48
13
24
36
37
EXPOSED
PAD
PIN 1
INDICATOR
*5.70
5.60 SQ
5.50
0.50
0.40
0.30
SEATING
PLANE
0.80
0.75
0.70
0.05 MAX
0.02 NOM
0.203 REF
COPLANARITY
0.08
0.30
0.25
0.20
7.10
7.00 SQ
6.90
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
0.20 MIN
*COMPLIANT TO JEDEC STANDARDS MO-220-WKKD-2
WITH THE EXCEPTION OF THE EXPOSED PAD DIMENSION.
Figure 34. 48-Lead Lead Frame Chip Scale Package [LFCSP]
7 mm × 7 mm Body and 0.75 mm Package Height
(CP-48-13)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
AD9530BCPZ
−40°C to +85°C
48-Lead Lead Frame Chip Scale Package [LFCSP]
CP-48-13
AD9530BCPZ-REEL7
−40°C to +85°C
48-Lead Lead Frame Chip Scale Package [LFCSP]
CP-48-13
AD9530/PCBZ
Evaluation Board
1 Z = RoHS Compliant Part.
©2016 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D14044-0-4/16(0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com