Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9530 Datasheet(PDF) 15 Page - Analog Devices

Part # AD9530
Description  4 CML Output, Low Jitter Clock Generator
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9530 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD9530 Datasheet HTML 11Page - Analog Devices AD9530 Datasheet HTML 12Page - Analog Devices AD9530 Datasheet HTML 13Page - Analog Devices AD9530 Datasheet HTML 14Page - Analog Devices AD9530 Datasheet HTML 15Page - Analog Devices AD9530 Datasheet HTML 16Page - Analog Devices AD9530 Datasheet HTML 17Page - Analog Devices AD9530 Datasheet HTML 18Page - Analog Devices AD9530 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 41 page
background image
Data Sheet
AD9530
Rev. 0 | Page 15 of 41
TYPICAL PERFORMANCE CHARACTERISTICS
2.5ns/DIV
40.0GS/s
IT 1.0ps/pt
350mV/DIV
A CH1
–7.0mV
CML = 1.1V
CML = 1.0V
CML = 0.9V
CML = 0.8V
Figure 3. CML Output Waveform (Differential) at 101 MHz,
Internal Termination Disabled
2.5ns/DIV
40.0GS/s
IT 1.0ps/pt
350mV/DIV
A CH1
–7.0mV
CML = 1.1V
CML = 1.0V
CML = 0.9V
CML = 0.8V
Figure 4. CML Output Waveform (Differential) at 101 MHz,
Internal Termination Enabled
100ps/DIV
40.0GS/s
IT 500fs/pt
350mV/DIV
A CH1
42.0mV
CML = 1.1V
CML = 1.0V
CML = 0.9V
CML = 0.8V
Figure 5. CML Output Waveform (Differential) at 2650 MHz,
Internal Termination Disabled
100ps/DIV
40.0GS/s
IT 500fs/pt
350mV/DIV
A CH1
42.0mV
CML = 1.1V
CML = 1.0V
CML = 0.9V
CML = 0.8V
Figure 6. CML Output Waveform (Differential) at 2650 MHz,
Internal Termination Enabled
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
OUTPUT FREQUENCY (MHz)
CML = 0.8V, TERMINATION ON
CML = 0.9V, TERMINATION ON
CML = 1.0V, TERMINATION ON
CML = 1.1V, TERMINATION ON
Figure 7. Differential Voltage Amplitude vs. Output Frequency, Internal
Termination Enabled
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
OUTPUT FREQUENCY (MHz)
CML = 0.8V, TERMINATION OFF
CML = 0.9V, TERMINATION OFF
CML = 1.0V, TERMINATION OFF
CML = 1.1V, TERMINATION OFF
Figure 8. Differential Voltage Amplitude vs. Output Frequency,
Internal Termination Disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com